Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD3 Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # WLSD3
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD3 Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button WLSD3 Datasheet HTML 23Page - Omron Electronics LLC WLSD3 Datasheet HTML 24Page - Omron Electronics LLC WLSD3 Datasheet HTML 25Page - Omron Electronics LLC WLSD3 Datasheet HTML 26Page - Omron Electronics LLC WLSD3 Datasheet HTML 27Page - Omron Electronics LLC WLSD3 Datasheet HTML 28Page - Omron Electronics LLC WLSD3 Datasheet HTML 29Page - Omron Electronics LLC WLSD3 Datasheet HTML 30Page - Omron Electronics LLC WLSD3 Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
WL
WL
27
Plunger Models
Standard Models
Actuator
Neon lamp
LED
125 VAC
250 VAC
10 to 115 VAC/DC
Approx. 0.6 mA
Approx. 1.9 mA
Approx. 1.0 mA
Seal top-roller plunger
WLD28-LES
WLD28-LDS
Ratings
Model
Rated
t
Non-inductive load
Inductive load
current
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
WLCA2-LEj
WLH LEj
125 VAC
10 A
3A
1.5 A
10 A
5A
2.5 A
C
j
WLH2-LEj
WLGCA2-LEj
250 VAC
10 A
2A
1A
10 A
3A
1.5 A
WLGCA2-LEj
WLG2-LEj
125 VDC
0.8 A
0.2 A
0.2 A
0.8 A
0.2 A
0.2 A
WLG2 LEj
WLD28-LES
250 VDC
0.4 A
0.1 A
0.1 A
0.4 A
0.1 A
0.1 A
WLCA2-LDj
WLH LDj
115 VAC
10 A
3A
1.5 A
10 A
5A
2.5 A
C
j
WLH2-LDj
WLGCA2-LDj
12 VDC
10 A
6A
3A
10 A
6A
WLGCA2-LDj
WLG2-LDj
24 VDC
6A
4A
3A
6A
4A
WLG2 LDj
WLD28-LDj
48 VDC
3A
2A
1.5 A
3A
2A
Note: 1. The above figures are for standard currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
Inrush current
NC
30 A max.
NO
20 A max.
Operating temperature
--10°Cto80°C (with no icing)
Operating humidity
95% max.
Contact Form
Standard Model
Approved Standard Ratings
UL/CSA
LE (Neon Lamp) A300
Rated
lt
Carry
t
Current
Volt-amperes
voltage
y
current
Make
Break
Make
Break
120 VAC 10 A
60 A
6A
7,200 VA 720 VA
240 VAC
30 A
3A
,
LD (LED)
Rated voltage
Carry current
115 VAC
10 A
115 VDC
0.8 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com