Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD3 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # WLSD3
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD3 Datasheet(HTML) 4 Page - Omron Electronics LLC

  WLSD3 Datasheet HTML 1Page - Omron Electronics LLC WLSD3 Datasheet HTML 2Page - Omron Electronics LLC WLSD3 Datasheet HTML 3Page - Omron Electronics LLC WLSD3 Datasheet HTML 4Page - Omron Electronics LLC WLSD3 Datasheet HTML 5Page - Omron Electronics LLC WLSD3 Datasheet HTML 6Page - Omron Electronics LLC WLSD3 Datasheet HTML 7Page - Omron Electronics LLC WLSD3 Datasheet HTML 8Page - Omron Electronics LLC WLSD3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
WL
WL
4
Adjustable Roller Levers and Adjustable Rod Levers
Type
Total Travel (TT)
Features
Actuator (See note 2.)
yp
(
)
WL-2A100
Adjustable
Roller Lever
WL-4A100
Adjustable Rod
Lever (Adjustable
length: 25 to
140 mm)
WL-3A100
(Adjustable length:
350 to 380 mm)
Standard
One-side operation possible. (See note 3.)
Head can be mounted in any of the four direc-
tions
WLCA12
---
tions.
---
WLCL (WL-4A100)
Over-
l
General
One-side operation possible. (See note 3.)
H d
b
d i
f h f
di
WLH12
WLHL (WL-4A100)
travel
p
p
(
)
Head can be mounted in any of the four direc-
tions.
WLHAL4
(WL-3A100)
High-sen-
sitivity
One-side operation possible. (See note 3.)
Head can be mounted in any of the four direc-
tions.
WLG12
WLGL (WL-4A100)
-2N Series
One-side operation is possible. (See note 3.)
Head can be mounted in any of the two direc-
tions. (When the Head can be mounted hori-
zontally, the Head can be mounted in any of
the four directions.)
WLCA12-2N
WLCL-2N
(WL-4A100)
Note: 1. For the approved standards file numbers, refer to page 1.
2. For external dimensions and other information, refer to page 22 to 25.
3. One-side operation means that three operational directions can be selected electrically, according to the change in direction of the
operating plunger. The operating plunger is set for operation on both sides before delivery. Those models for which one-side opera-
tion is impossible can only operate on both sides. For details, see page 39. The operational plunger is factory-set to both sides.
Rod Spring Levers and Fork Lever Locks
Type
Total travel (TT)
Features
Actuator (See note 2.)
yp
(
)
WL-3A200 Rod
Spring Lever
Fork Lever Locks:
WL-5A100,
WL-5A102,
WL-5A104
Protective
Head can be mounted in any of the four direc-
tions.
---
WLCA32-41
(WL-5A100)
tions.
WLCA32-42
(WL-5A102)
WLCA32-43
(WL-5A104)
Over-
travel
General
One-side operation is possible. (See note 3.)
Head can be mounted in any of the four direc-
tions.
WLHAL5
---
Note:
1. For the approved standard file numbers, refer to page 1.
2. For external dimensions and other information, refer to page 22 to 25.
3. One-side operation means that three operational directions can be selected electrically, according to the change in direction of the
operating plunger. The operating plunger is set for operation on both sides before delivery. Those models for which one-side opera-
tion is impossible can only operate on both sides. For details, see page 39. The operational plunger is factory-set to both sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com