Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD3 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # WLSD3
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD3 Datasheet(HTML) 3 Page - Omron Electronics LLC

  WLSD3 Datasheet HTML 1Page - Omron Electronics LLC WLSD3 Datasheet HTML 2Page - Omron Electronics LLC WLSD3 Datasheet HTML 3Page - Omron Electronics LLC WLSD3 Datasheet HTML 4Page - Omron Electronics LLC WLSD3 Datasheet HTML 5Page - Omron Electronics LLC WLSD3 Datasheet HTML 6Page - Omron Electronics LLC WLSD3 Datasheet HTML 7Page - Omron Electronics LLC WLSD3 Datasheet HTML 8Page - Omron Electronics LLC WLSD3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
WL
WL
3
4. The overtravel model (-2N Series), fork lever lock model (WLCA32-41 to 44), horizontal plunger (WLSDj) model, heat-resistive
model, low-temperature model, and lamp-equipped model cannot be used with the corrosion-proof model.
5. Outdoor specifications are available for some standard models. Consult your OMRON representative for details.
6. Outdoor specifications are only available for general models and high-sensitivity models.
List of Models
Rotating Lever Models
Roller Lever Models: Short, Medium, and Long Lever Models
Type
Total travel (TT)
Features
Actuator (See note 2.)
yp
(
)
WL-1A100 Roller
Lever: Short
lever (R38)
WL-1A200 Roller
Lever: Medium
lever (R50)
WL-1A300 Roller
Lever: Long
lever (R63)
Standard
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLCA2
WLCA2-7
WLCA2-8
Over-
travel
General
One-side operation is im-
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLH2
---
---
High-sen-
sitivity
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLG2
---
---
-2N Series
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the two directions.
(When the Head can be
mounted horizontally, the
Head can be mounted in
any of the four directions.)
WLCA2-2N
---
---
High-precision
One-side operation is
possible. (See note 3.)
Head can be mounted in
any of the four directions.
WLGCA2
---
---
Note: 1. For the approved standards file numbers, refer to page 1.
2. For external dimensions and other information, refer to pages 22 to 25.
3. One-side operation means that three operational directions can be selected electrically, according to the change in direction of the
operating plunger. Those models for which one-side operation is impossible can only operate on both sides. For details, see page
39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com