Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD3 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # WLSD3
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD3 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button WLSD3 Datasheet HTML 26Page - Omron Electronics LLC WLSD3 Datasheet HTML 27Page - Omron Electronics LLC WLSD3 Datasheet HTML 28Page - Omron Electronics LLC WLSD3 Datasheet HTML 29Page - Omron Electronics LLC WLSD3 Datasheet HTML 30Page - Omron Electronics LLC WLSD3 Datasheet HTML 31Page - Omron Electronics LLC WLSD3 Datasheet HTML 32Page - Omron Electronics LLC WLSD3 Datasheet HTML 33Page - Omron Electronics LLC WLSD3 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
WL
WL
30
Models
Type
Usage
Environment-resistant construction
Appropriate
models
WLj-55
Airtight seal
For use in locations
subject to splashes of
water and anti-coolant
Uses the W-10FB3-55 Airtight Built-in Switch. (See note 2.)
All models except the
low-temperature and
heat-resistive models.
(See note 3.)
WLj-139
Hermetic seal
(molded terminals
and anti-coolant
models)
General-
purpose
built-in
switch
Connection lead wires:
Standard 5-m VCT (vi-
nyl cabtire cable) cable
attached. Finished di-
ameter: 11.5 mm,
4-core.
The case cover and
conduit opening are
molded from epoxy
resin. The cover cannot
be removed.
All models except the
low-temperature and
heat-resistive models.
(See note 4.)
WLj-140
Hermeti-
cally-
sealed
built-in
switch
Connection lead wires:
Standard 5-m VCT
cable, with high flexibil-
ity and good anti-oil
properties attached.
Finished diamete
The case cover, cover
box and conduit open-
ing are molded from
epoxy resin. The cover
cannot be removed
(140 141 RP40 and
WLj-141
p p
Finished diameter:
11.5 mm, 4-core.
(140, 141, RP40, and
RP60).
The Head opening is
protected from cutting
powder. (WLj-141)
WLj-RP40
The connector can be
removed, so it is pos-
sibletouse flexible
wires in the cable.
WLj-RP60
Rubber parts are made
from fluorine rubber.
WLj-TC
Low-temperature
Canbeusedatatem-
perature of --40_C(The
operating temperature
range is --40_Cto
40_C), but cannot with-
stand icing.
Uses the general-purpose built-in switch.
Silicone rubber is used for rubber parts such as the O-ring,
gasket, etc.
All models except air-
tight, hermetic, heat-re-
sistive, corrosion-proof,
or lamp-equipped mo-
dels.
WLj-TH
Heat-resistive
Canbeusedintemper-
atures of 120_C(The
operating temperature
range is 5_Cto
120_C).
Uses a special built-in switch made from heat-resistant resin.
Silicone rubber is used for rubber parts such as the O-ring,
gasket etc.
All models except air-
tight, hermetic, low-
temperature, corrosion-
proof, lamp-equipped,
nylon roller
(WLCA2-26N), seal
roller models, and resin
rod (WLNJ-2) models.
WLj-RP
Corrosion-proof
For use in locations
subject to corrosive
gases and chemicals.
Diecast parts such as the switch box are made of corrosion-
proof aluminum.
Rubber sealing parts are made of fluorine rubber which aids in
resisting oil, chemicals and adverse weather conditions.
Exposed nuts and screws (except the actuator section) are
made of stainless steel.
Moving and rotary parts such as rollers are made of sintered
stainless steel or stainless steel.
All models except over-
travel model (-2N), fork
lever lock models
(WLCA32-41 to -43),
low-temperature, heat-
resistive, and lamp-
equipped models.
WLj-P1
Outdoor specifica-
tions
For use in parking lots
and other such outdoor
locations.
Rubber parts are made from silicone rubber, which has a high-
tolerance to deterioration over time, and changes in tempera-
ture.
Rollers are made of stainless steel to improve corrosion resist-
ance.
Exposed nuts and screws are made of stainless steel.
Only the general-pur-
pose overtravel models
(WLH2/12), the over-
travel high-sensitivity
models (WLG2/12) and
some standard models
(e.g., WLCA2) can be
used. Excluding heat-
resistive models.
Note:
1. Consult your OMRON representative for the microload WL01j models.
2. Use the SC Connector for the conduit opening.
3. The actuator can be created using the standard model.
4. The actuator can be created using the standard model. For WL-j141, only WLG2, WLCA2, and WLGCA2 can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com