Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD3 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # WLSD3
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD3 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button WLSD3 Datasheet HTML 27Page - Omron Electronics LLC WLSD3 Datasheet HTML 28Page - Omron Electronics LLC WLSD3 Datasheet HTML 29Page - Omron Electronics LLC WLSD3 Datasheet HTML 30Page - Omron Electronics LLC WLSD3 Datasheet HTML 31Page - Omron Electronics LLC WLSD3 Datasheet HTML 32Page - Omron Electronics LLC WLSD3 Datasheet HTML 33Page - Omron Electronics LLC WLSD3 Datasheet HTML 34Page - Omron Electronics LLC WLSD3 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
WL
WL
31
Dimensions/Operating Characteristics
The dimensions and operating characteristics are the same as gen-
eral-purpose, environment-resistant models.
Ratings/Characteristics
See pages 7 to 10.
Contact Form
(White)
(Blue)
(Black)
(Red)
Approved Standard Ratings
Contact your OMRON representative for details of approved mod-
els.
Ordering Information
Use the following as a guide when ordering environment-resistant
models.
E.g.: For a hermetic model of WLCA2
WLCA2 -
55
""
Standard
Specifications No.
An additional catalog is available for outdoor specifications models.
Lamp-equipped Models
The operating status of the Switch can be checked using a neon
lamp of LED indictor.
Circuit checks and troubleshooting errors are easy done.
Indictor window
Light-emitting diode (LED)
Contact spring
Lamp holder
Operation
The built-in switch’s terminal screws are used to connect the lamp
terminal (indicator cover). Since the connection spring (coil spring)
is used for this connection, it will not be necessary to connect to the
lamp terminal. When a ground terminal is provided however, lead
wire method must be used.
WL-LD has a built-in rectifier stack, so it will not be necessary to
change the polarity.
The indicator cover is molded from diecast aluminum and has out-
standing sealing properties. Furthermore, regardless of whether
the power is connected or not, the operating status is shown (oper-
ating or not operating), and indicators can be switched from
light-ON when operating and light-ON when not operating, by sim-
ply rotating the lamp holder by 180_. (Molded terminals do not have
this switching capacity.)
The lamp-equipped models are ideal in locations using a conveyor
belt where items need to be checked, or locations that are difficult to
inspect for faults.
Light-ON when Operating
Light-ON when Not Operating
LED at bottom
LED at top
Models/Ratings
Operating
characteristics
Rated voltage
Leakage current
Lamp-equipped Switch
Lamp-equipped cover
only
Neon lamp
125 VAC
Approx. 0.6 mA
WLj-LE (see note 1.)
WL-LE
p
250 VAC
Approx. 1.9 mA
j
(see o e )
LED
10 to 115 VAC/VDC
Approx. 1 mA
WLj-LD (see note 1.)
WL-LD
Note:
1. In the model number, j indicates the actuator number. For example, CA2, D, NJ, etc.
2. The default setting is “light-ON when not operating.” Turn the lamp holder by 180_ to change the setting to “light-ON when operat-
ing.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com