Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 9Page - Analog Devices AD9512BCPZ Datasheet HTML 10Page - Analog Devices AD9512BCPZ Datasheet HTML 11Page - Analog Devices AD9512BCPZ Datasheet HTML 12Page - Analog Devices AD9512BCPZ Datasheet HTML 13Page - Analog Devices AD9512BCPZ Datasheet HTML 14Page - Analog Devices AD9512BCPZ Datasheet HTML 15Page - Analog Devices AD9512BCPZ Datasheet HTML 16Page - Analog Devices AD9512BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD9512
Rev. A | Page 13 of 48
FUNCTION PIN
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS
The FUNCTION pin has a 30 kΩ internal pull-down resistor.
This pin should normally be held high. Do not leave NC.
Logic 1 Voltage
2.0
V
Logic 0 Voltage
0.8
V
Logic 1 Current
110
μA
Logic 0 Current
1
μA
Capacitance
2
pF
RESET TIMING
Pulse Width Low
50
ns
SYNC TIMING
Pulse Width Low
1.5
High speed clock cycles
High speed clock is CLK1 or CLK2, whichever is being used
for distribution.
SYNC STATUS PIN
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS
Output Voltage High (VOH)
2.7
V
Output Voltage Low (VOL)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com