Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 16Page - Analog Devices AD9512BCPZ Datasheet HTML 17Page - Analog Devices AD9512BCPZ Datasheet HTML 18Page - Analog Devices AD9512BCPZ Datasheet HTML 19Page - Analog Devices AD9512BCPZ Datasheet HTML 20Page - Analog Devices AD9512BCPZ Datasheet HTML 21Page - Analog Devices AD9512BCPZ Datasheet HTML 22Page - Analog Devices AD9512BCPZ Datasheet HTML 23Page - Analog Devices AD9512BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD9512
Rev. A | Page 20 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT FREQUENCY (MHz)
0
800
400
0.3
0.6
0.5
0.4
3 LVPECL (DIV ON)
2 LVDS (DIV ON)
DEFAULT – 3 LVPECL + 2 LVDS (DIV ON)
3 LVPECL + 2 LVDS (DIV BYPASSED)
Figure 7. Power vs. Frequency—LVPECL, LVDS
5MHz
CLK1 (EVAL BOARD)
3GHz
Figure 8. CLK1 Smith Chart (Evaluation Board)
OUTPUT FREQUENCY (MHz)
0
120
100
80
60
40
20
0.4
0.7
0.6
0.5
3 LVPECL + 2 CMOS (DIV ON)
Figure 9. Power vs. Frequency—LVPECL, CMOS
5MHz
CLK2 (EVAL BOARD)
3GHz
Figure 10. CLK2 Smith Chart (Evaluation Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com