Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9512BCPZ Datasheet HTML 1Page - Analog Devices AD9512BCPZ Datasheet HTML 2Page - Analog Devices AD9512BCPZ Datasheet HTML 3Page - Analog Devices AD9512BCPZ Datasheet HTML 4Page - Analog Devices AD9512BCPZ Datasheet HTML 5Page - Analog Devices AD9512BCPZ Datasheet HTML 6Page - Analog Devices AD9512BCPZ Datasheet HTML 7Page - Analog Devices AD9512BCPZ Datasheet HTML 8Page - Analog Devices AD9512BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9512
Rev. A | Page 3 of 48
LVPECL Clock Distribution......................................................45
LVDS Clock Distribution...........................................................45
Power and Grounding Considerations and Power Supply
Rejection.......................................................................................45
Outline Dimensions........................................................................46
Ordering Guide ...........................................................................46
REVISION HISTORY
6/05—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Changes to General Description .....................................................1
Changes to Table 1 ............................................................................4
Changes to Table 3 ............................................................................5
Changes to Table 4 ............................................................................7
Changes to Table 5 and Table 6 .....................................................12
Changes to Table 7 ..........................................................................13
Changes to Figure 12 and Figure 14 to Figure 16 .......................21
Changes to Figure 17 Caption .......................................................22
Changes to Figure 23 ......................................................................23
Changes to Divider Phase Offset Section ....................................29
Changes to Chip Power-Down or Sleep Mode—PDB Section .31
Changes to Distribution Power-Down Section...........................31
Changes to Individual Clock Output Power-Down Section .....31
Changes to Individual Circuit Block Power-Down Section ......31
Changes to Soft Reset via the Serial Port Section .......................31
Changes to SYNCB—Hardware SYNC Section ..........................32
Changes to Soft SYNC Register 58h<2> Section ........................32
Changes to Multichip Synchronization Section..........................32
Changes to Serial Control Port Section .......................................33
Changes to Serial Control Port Pin Descriptions Section .........33
Changes to General Operation of Serial
Control Port Section .......................................................................33
Added Framing a Communication Cycle with CSB Section ....33
Added Communication Cycle—Instruction Plus
Data Section.....................................................................................33
Changes to Write Section...............................................................33
Changes to Read Section................................................................34
Changes to Instruction Word (16 Bits) Section ..........................34
Changes to MSB/LSB First Transfers Section..............................34
Changes to Figure 32 and Figure 36 .............................................35
Added Figure 38; Renumbered Sequentially...............................36
Changes to Table 17 ........................................................................37
Changes to Table 18 ........................................................................39
Changes to Power Supply Section.................................................43
Changes to Power Management Section......................................43
4/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com