Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 14Page - Analog Devices AD9512BCPZ Datasheet HTML 15Page - Analog Devices AD9512BCPZ Datasheet HTML 16Page - Analog Devices AD9512BCPZ Datasheet HTML 17Page - Analog Devices AD9512BCPZ Datasheet HTML 18Page - Analog Devices AD9512BCPZ Datasheet HTML 19Page - Analog Devices AD9512BCPZ Datasheet HTML 20Page - Analog Devices AD9512BCPZ Datasheet HTML 21Page - Analog Devices AD9512BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD9512
Rev. A | Page 18 of 48
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DSYNC
Detect Sync. Used for multichip synchronization.
2
DSYNCB
Detect Sync Complement. Used for multichip synchronization.
3, 4, 6, 9, 18,
22, 23, 25, 28,
29, 32, 33, 36,
39, 40, 44, 47, 48
VS
Power Supply (3.3 V).
5
DNC
Do Not Connect.
7
CLK2
Clock Input.
8
CLK2B
Complementary Clock Input. Used in conjunction with CLK2.
10
CLK1
Clock Input.
11
CLK1B
Complementary Clock Input. Used in conjunction with CLK1.
12
FUNCTION
Multipurpose Input. Can be programmed as a reset (RESETB), sync (SYNCB), or power-down (PDB) pin.
13
STATUS
Output Used to Monitor the Status of Multichip Synchronization.
14
SCLK
Serial Data Clock.
15
SDIO
Serial Data I/O.
16
SDO
Serial Data Output.
17
CSB
Serial Port Chip Select.
19, 24, 37,
38, 43, 46
GND
Ground.
20
OUT2B
Complementary LVPECL Output.
21
OUT2
LVPECL Output.
26
OUT1B
Complementary LVPECL Output.
27
OUT1
LVPECL Output.
30
OUT4B
Complementary LVDS/Inverted CMOS Output. OUT4 includes a delay block.
31
OUT4
LVDS/CMOS Output. OUT4 includes a delay block.
34
OUT3B
Complementary LVDS/Inverted CMOS Output.
35
OUT3
LVDS/CMOS Output.
41
OUT0B
Complementary LVPECL Output.
42
OUT0
LVPECL Output.
45
RSET
Current Set Resistor to Ground. Nominal value = 4.12 kΩ.
Note that the exposed paddle on this package is an electrical connection as well as a thermal enhancement. For the device to
function properly, the paddle must be attached to ground, GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com