Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 18Page - Analog Devices AD9512BCPZ Datasheet HTML 19Page - Analog Devices AD9512BCPZ Datasheet HTML 20Page - Analog Devices AD9512BCPZ Datasheet HTML 21Page - Analog Devices AD9512BCPZ Datasheet HTML 22Page - Analog Devices AD9512BCPZ Datasheet HTML 23Page - Analog Devices AD9512BCPZ Datasheet HTML 24Page - Analog Devices AD9512BCPZ Datasheet HTML 25Page - Analog Devices AD9512BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD9512
Rev. A | Page 22 of 48
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
Figure 17. Additive Phase Noise—LVPECL DIV1, 245.76 MHz
Distribution Section Only
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
Figure 18. Additive Phase Noise—LVDS DIV1, 245.76 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160
Figure 19. Additive Phase Noise—CMOS DIV1, 245.76 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
Figure 20. Additive Phase Noise—LVPECL DIV1, 622.08 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
Figure 21. Additive Phase Noise—LVDS DIV2, 122.88 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160
Figure 22. Additive Phase Noise—CMOS DIV4, 61.44 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com