Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9512BCPZ
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9512BCPZ Datasheet HTML 17Page - Analog Devices AD9512BCPZ Datasheet HTML 18Page - Analog Devices AD9512BCPZ Datasheet HTML 19Page - Analog Devices AD9512BCPZ Datasheet HTML 20Page - Analog Devices AD9512BCPZ Datasheet HTML 21Page - Analog Devices AD9512BCPZ Datasheet HTML 22Page - Analog Devices AD9512BCPZ Datasheet HTML 23Page - Analog Devices AD9512BCPZ Datasheet HTML 24Page - Analog Devices AD9512BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD9512
Rev. A | Page 21 of 48
VERT 500mV/DIV
HORIZ 500ps/DIV
Figure 11. LVPECL Differential Output @ 800 MHz
VERT 100mV/DIV
HORIZ 500ps/DIV
Figure 12. LVDS Differential Output @ 800 MHz
VERT 500mV/DIV
HORIZ 1ns/DIV
Figure 13. CMOS Single-Ended Output @ 250 MHz with 10 pF Load
OUTPUT FREQUENCY (MHz)
100
1600
1100
600
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Figure 14. LVPECL Differential Output Swing vs. Frequency
OUTPUT FREQUENCY (MHz)
100
900
700
500
300
500
750
700
650
600
550
Figure 15. LVDS Differential Output Swing vs. Frequency
OUTPUT FREQUENCY (MHz)
0
600
500
400
300
200
100
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2pF
10pF
20pF
Figure 16. CMOS Single-Ended Output Swing vs. Frequency and Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com