Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BBSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD1981BBSTZ
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BBSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD1981BBSTZ Datasheet HTML 24Page - Analog Devices AD1981BBSTZ Datasheet HTML 25Page - Analog Devices AD1981BBSTZ Datasheet HTML 26Page - Analog Devices AD1981BBSTZ Datasheet HTML 27Page - Analog Devices AD1981BBSTZ Datasheet HTML 28Page - Analog Devices AD1981BBSTZ Datasheet HTML 29Page - Analog Devices AD1981BBSTZ Datasheet HTML 30Page - Analog Devices AD1981BBSTZ Datasheet HTML 31Page - Analog Devices AD1981BBSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD1981B
Rev. C | Page 30 of 32
Bit
Mnemonic
Function
VREFD
VREFOUT Disable
This bit disables VREFOUT, placing it into high Z out mode. This bit overrides the VREFH bit selection.
0 = VREFOUT pin is driven by the internal reference (reset default).
1 = VREFOUT pin is placed into high Z out mode.
VREFH
VREFOUT High
This bit changes VREFOUT from 2.25 V to 3.70 V for MIC bias applications.
0 = VREFOUT pin is set to 2.25 V output (reset default).
1 = VREFOUT pin is set to 3.70 V output.
MADST
Mixer ADC Status Bit
This bit indicates status of the mixer digitizing ADC (left and right channels).
0 = Mixer ADC not ready.
1 = Mixer ADC ready.
2CMIC
2-Channel MIC Select
This bit enables simultaneous recording from MIC1 and MIC2 inputs for applications that use a
stereo microphone array. This register works in conjunction with the MS bit in Register 0x20.
0 = MIC1 or MIC2 (determined by the MS bit) is routed to the record selector’s left and right MIC
channels, as well as to the mixer (reset default).
1 = MIC1 is routed to the record selector’s left MIC channel and MIC2 is routed to the record
selector’s right MIC channel. In this mode, the MS bit should be set low, and MIC1 can still be
enabled into the mixer.
MADPD
Mixer ADC Power-Down
This bit controls power-down for mixer digitizing ADC.
0 = Mixer ADC is powered on (default).
1 = Mixer ADC is powered down.
FMXE
Front DAC into Mixer
Enable
This bit controls the front (main) DAC to mixer mute switches.
0 = Front DAC outputs are allowed to sum into the mixer (reset default).
1 = Front DAC outputs are muted into the mixer (blocked).
DAM
Digital Audio Mode
PCM DAC outputs bypass the analog mixer and are sent directly to the codec output.
LODIS
LINE_OUT Disable
This bit disables the LINE_OUT pins (L/R), placing them into high Z mode so that the assigned
output audio jack can be shared for the input function (or other function).
0 = LINE_OUT pins have normal audio drive capability (reset default).
1 = LINE_OUT pins are placed into high Z mode.
MSPLT
Mute Split
This bit allows separate mute control bits for the master, headphone, LINE_IN, CD, AUX, and PCM
volume control registers as well as for the record gain register.
0 = Both left- and right-channel mutes are controlled by Bit 15 in the respective registers (reset
default).
1 = Bit 15 affects only the left-channel mute, and Bit 7 affects only the right-channel mute.
DACZ
DAC Zero-Fill
This bit determines DAC data fill under starved conditions.
0 = DAC data is repeated when DACs are starved for data (reset default).
1 = DAC is zero-filled when DACs are starved for data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com