Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BBSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD1981BBSTZ
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BBSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD1981BBSTZ Datasheet HTML 1Page - Analog Devices AD1981BBSTZ Datasheet HTML 2Page - Analog Devices AD1981BBSTZ Datasheet HTML 3Page - Analog Devices AD1981BBSTZ Datasheet HTML 4Page - Analog Devices AD1981BBSTZ Datasheet HTML 5Page - Analog Devices AD1981BBSTZ Datasheet HTML 6Page - Analog Devices AD1981BBSTZ Datasheet HTML 7Page - Analog Devices AD1981BBSTZ Datasheet HTML 8Page - Analog Devices AD1981BBSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD1981B
Rev. C | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Step Size (+12 dB to −34.5 dB) (All Steps Tested):
MIC_IN, LINE_IN, CD, AUX, PHONE_IN, DAC
1.5
dB
Input Gain/Attenuation Range:
MIC_IN, LINE_IN, CD, AUX, PHONE_IN, DAC
46.5
dB
DIGITAL DECIMATION AND INTERPOLATION FILTERS1
Pass Band
0
0.4 × fS
Hz
Pass-Band Ripple
±0.09
dB
Transition Band
0.4 × fS
0.6 × fS
Hz
Stop Band
0.6 × fS
∞
Hz
Stop-Band Rejection
−74
dB
Group Delay
16/fS
s
Group Delay Variation over Pass Band
0
µs
ANALOG-TO-DIGITAL CONVERTERS
Resolution
16
Bits
Total Harmonic Distortion (THD)
−84
dB
Dynamic Range (−60 dB Input THD + N Referenced to Full Scale, A-Weighted)
80
85
dB
Signal-to-Intermodulation Distortion1 (CCIF Method)
85
dB
ADC Crosstalk1
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
−80
dB
Line_In to Other
−100
−80
dB
Gain Error2 (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
± 0.5
dB
ADC Offset Error1
±5
mV
DIGITAL-TO-ANALOG CONVERTERS
Resolution
20
Bits
Total Harmonic Distortion (THD) LINE_OUT
−85
dB
Total Harmonic Distortion (THD) HP_OUT
−75
dB
Dynamic Range (−60 dB Input THD + N Referenced to Full Scale, A-Weighted)
85
90
dB
Signal-to-Intermodulation Distortion1 (CCIF Method)
−100
dB
Gain Error2 (Output FS Voltage Relative to Nominal Output FS Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk1 (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure
L_OUT)
−80
dB
Total Audible Out-of-Band Energy1 (Measured from 0.6 × fS to 20 kHz)
−40
dB
ANALOG OUTPUT
Full-Scale Output Voltage; LINE_OUT and MONO_OUT
1
V rms
2.83
V p-p
Output Impedance1
800
Ω
External Load Impedance1
10
kΩ
Output Capacitance1
15
pF
External Load Capacitance1
100
pF
Full-Scale Output Voltage; HP_OUT (0 dB Gain)
1
V rms
External Load Impedance1
32
Ω
VREF
2.05
2.25
2.45
V
VREFOUT (Programmable to 3.70 V Nominal)
2.25
V
VREFOUT Current Drive
5
mA
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)
±5
mV
STATIC DIGITAL SPECIFICATIONS
High Level Input Voltage (VIH): Digital Inputs
0.65 × DVDD
V
Low Level Input Voltage (VIL)
0.35 × DVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com