Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BBSTZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD1981BBSTZ
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BBSTZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD1981BBSTZ Datasheet HTML 24Page - Analog Devices AD1981BBSTZ Datasheet HTML 25Page - Analog Devices AD1981BBSTZ Datasheet HTML 26Page - Analog Devices AD1981BBSTZ Datasheet HTML 27Page - Analog Devices AD1981BBSTZ Datasheet HTML 28Page - Analog Devices AD1981BBSTZ Datasheet HTML 29Page - Analog Devices AD1981BBSTZ Datasheet HTML 30Page - Analog Devices AD1981BBSTZ Datasheet HTML 31Page - Analog Devices AD1981BBSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD1981B
Rev. C | Page 31 of 32
VENDOR ID REGISTERS
Index 0x7C–0x7E
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x7C
Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
0x4144
S[7:0] This register is ASCII encoded to A.
F[7:0] This register is ASCII encoded to D.
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x7E
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
0x5374
T[7:0] This register is ASCII encoded to S.
REV[7:0] Vendor-specific revision number: The AD1981B assigns 0x74 to this field.
Table 44. Codec ID and External Clock Selection
ID1
ID0
Codec ID
Codec Clocking Source
1
1
(00) Primary
24.576 MHz
Local crystal or external into XTL_IN.
1
0
(01) Secondary
12.288 MHz
External into BIT_CLK.
0
1
(00) Primary
48.000 MHz
External into XTL_IN.
0
0
(00) Primary
14.31818 MHz
External into XTL_IN.
Internally, the ID pins have weak pull-ups and are inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com