Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BBSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD1981BBSTZ
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BBSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1981BBSTZ Datasheet HTML 10Page - Analog Devices AD1981BBSTZ Datasheet HTML 11Page - Analog Devices AD1981BBSTZ Datasheet HTML 12Page - Analog Devices AD1981BBSTZ Datasheet HTML 13Page - Analog Devices AD1981BBSTZ Datasheet HTML 14Page - Analog Devices AD1981BBSTZ Datasheet HTML 15Page - Analog Devices AD1981BBSTZ Datasheet HTML 16Page - Analog Devices AD1981BBSTZ Datasheet HTML 17Page - Analog Devices AD1981BBSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD1981B
Rev. C | Page 14 of 32
HEADPHONE VOLUME REGISTER
Index 0x04
This register controls the headphone volume controls for both stereo channels and the mute bit. Each volume subregister contains five
bits, generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility,
whenever the D5 or D13 bits are set to 1, their respective lower five volume bits are automatically set to 1 by the codec logic. On readback,
all lower five bits read 1s whenever these bits are set to 1. Refer to Table 12 for examples.
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x04
Headphone
Volume
HPM
X
X
LHV4
LHV3
LHV2
LHV1
LHV0
RM1
X
X
RHV4
RHV3
RHV2
RHV1
RHV0
0x8000
1 For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect. All registers are not shown, and bits containing an X are assumed to be reserved.
Table 11.
Bit
Mnemonic
Function
RHV [4:0]
Right Headphone
Volume Control
The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a maximum
attenuation of 46.5 dB.
RM
Right-Channel Mute
Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately from the
HPM bit. Otherwise, this bit always reads 0 and has no effect when set to 1.
LHV [4:0]
Left Headphone
Volume Control
The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a maximum
attenuation of 46.5 dB.
HPM
Headphone Volume
Mute
When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 0x76 is set to 1, in which case this mute bit affects only the left channel.
Table 12. Volume Settings for Master and Headphone
Reg. 0x76
Control Bits Master Volume (0x02) and Headphone Volume (0x04)
Left-Channel Volume D [13:8]
Right-Channel Volume D [5:0]
MSPLT1
D15
Write
Readback
Function
D71
Write
Readback
Function
0
0
00 0000
00 0000
0 dB Gain
X
00 0000
00 0000
0 dB Gain
0
0
00 1111
00 1111
−22.5 dB Gain
X
00 1111
00 1111
−22.5 dB Gain
0
0
01 1111
01 1111
−46.5 dB Gain
X
01 1111
01 1111
−46.5 dB Gain
0
0
1X XXXX
01 1111
−46.5 dB Gain
X
1X XXXX
01 1111
−46.5 dB Gain
0
1
XX XXXX
XX XXXX
−∞ dB Gain, Muted
X
XX XXXX
XX XXXX
−∞ dB Gain, Muted
1
0
1X XXXX
01 1111
−46.5 dB Gain
1
XX XXXX
XX XXXX
−∞ dB Gain, Right Only Muted
1
1
XX XXXX
XX XXXX
−∞ dB Gain, Left Only Muted
0
XX XXXX
XX XXXX
−46.5 dB Gain
1
1
XX XXXX
XX XXXX
−∞ dB Gain, Left Muted
1
XX XXXX
XX XXXX
−∞ dB Gain, Right Muted
1 For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect.
X is a wild card and has no effect on the value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com