Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BBSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD1981BBSTZ
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BBSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD1981BBSTZ Datasheet HTML 1Page - Analog Devices AD1981BBSTZ Datasheet HTML 2Page - Analog Devices AD1981BBSTZ Datasheet HTML 3Page - Analog Devices AD1981BBSTZ Datasheet HTML 4Page - Analog Devices AD1981BBSTZ Datasheet HTML 5Page - Analog Devices AD1981BBSTZ Datasheet HTML 6Page - Analog Devices AD1981BBSTZ Datasheet HTML 7Page - Analog Devices AD1981BBSTZ Datasheet HTML 8Page - Analog Devices AD1981BBSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD1981B
Rev. C | Page 5 of 32
Parameter
Min
Typ
Max
Unit
High Level Output Voltage (VOH), IOH = 2 mA
0.9 × DVDD
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.1 × DVDD
V
Input Leakage Current
−10
+10
µA
Output Leakage Current
−10
+10
µA
POWER SUPPLY
Power Supply Range—Analog (AVDD)
4.5
5.5
V
Power Supply Range—Digital (DVDD)
3.0
3.47
V
Power Dissipation—5 V/3.3 V
400
mW
Analog Supply Current—5 V (AVDD)
50
mA
Digital Supply Current—3.3 V (DVDD)
46
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)1
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
40
dB
CLOCK SPECIFICATIONS1
Input Clock Frequency
24.576
MHz
Recommended Clock Duty Cycle
40
50
60
%
1 Guaranteed but not tested.
2 Measurements reflect main ADC.
POWER-DOWN STATES
Values presented with VREFOUT not loaded.
Table 3.
Parameter
Set Bits
DVDD Typ
AVDD Typ
Unit
Fully Active
No Bits Value
42
51
mA
ADC
PR0
36
45
mA
DAC
PR1
29
35
mA
ADC + DAC
PR1, PR0
12
28
mA
Mixer
PR2
42
24
mA
ADC + Mixer
PR2, PR0
36
18
mA
DAC + Mixer
PR2, PR1
29
9
mA
ADC + DAC + Mixer
PR2, PR1, PR0
12
1.5
mA
Standby
PR5, PR4, PR3, PR2, PR1, PR0
0
0
mA
Headphone Standby
PR6
42
44
mA
TIMING PARAMETERS
Guaranteed over operating temperature range.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
RESET Active Low Pulse Width
tRST_LOW
1.0
ms
RESET Inactive to BIT_CLK Start-Up Delay
tRST2CLK
162.8
ns
SYNC Active High Pulse Width
tSYNC_HIGH
1.3
ms
SYNC Low Pulse Width
tSYNC_LOW
19.5
µs
SYNC Inactive to BIT_CLK Start-Up Delay
tSYNC2CLK
162.8
ns
BIT_CLK Frequency
12.288
MHz
BIT_CLK Frequency Accuracy
±1
ppm
BIT_CLK Period
tCLK_PERIOD
81.4
ns
BIT_CLK Output Jitter1, ,2 3
750
2000
ps
BIT_CLK High Pulse Width
tCLK_HIGH
32.56
42
48.84
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com