Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BBSTZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD1981BBSTZ
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BBSTZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1981BBSTZ Datasheet HTML 23Page - Analog Devices AD1981BBSTZ Datasheet HTML 24Page - Analog Devices AD1981BBSTZ Datasheet HTML 25Page - Analog Devices AD1981BBSTZ Datasheet HTML 26Page - Analog Devices AD1981BBSTZ Datasheet HTML 27Page - Analog Devices AD1981BBSTZ Datasheet HTML 28Page - Analog Devices AD1981BBSTZ Datasheet HTML 29Page - Analog Devices AD1981BBSTZ Datasheet HTML 30Page - Analog Devices AD1981BBSTZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD1981B
Rev. C | Page 27 of 32
JACK SENSE/AUDIO INTERRUPT/STATUS REGISTER
Index 0x72
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x72
Jack
Sense
X
X
X
JS
MT2
JS
MT1
JS
MT0
JS1
EQB
JS0
EQB
JS1
TMR
JS0
TMR
JS1
MD
JS0
MD
JS1
ST
JS0
ST
JS1
INT
JS0
INT
0x0000
All register bits are read/write except for JS0ST and JS1ST, which are read-only.
All registers are not shown, and bits containing an X are assumed to be reserved.
Table 40.
Bit
Mnemonic
Function
JS0INT
JS0 Interrupt
This bit indicates that Pin JS0 has generated an interrupt. This bit remains set until the software
services the JS0 interrupt, that is, JS0 ISR should clear this bit by writing a 0 to it.
The interrupt to the system is an OR combination of this bit and JS1INT.
The actual interrupt implementation is selected by the INTS bit (Register 0x76). It is also possible to
generate a software system interrupt by writing a 1 to this bit.
JS1INT
Js1 Interrupt
This bit indicates that Pin JS1 has generated an interrupt. This bit remains set until the software
services the JS1 interrupt, that is, JS1 ISR should clear this bit by writing a 0 to it. See the JS0INT
description for details.
JS0ST
JS0 State
This bit always reports the logic state of the JS0 pin.
JS1ST
JS1 State
This bit always reports the logic state of the JS1 pin.
JS0MD
JS0 Mode
This bit selects the operation mode for the JS0 pin.
0 = Jack sense mode (default).
1 = Interrupt mode.
JS1MD
JS1 Mode
This bit selects the operation mode for the JS1 pin.
0 = Jack sense mode (default).
1 = Interrupt mode.
JS0TMR
JS0 Timer Enable
If this bit is set to 1, JS0 must be high for >278 ms to be recognized.
JS1TMR
JS1 Timer Enable
If this bit is set to 1, JS1 must be high for >278 ms to be recognized.
JS0EQB
JS0 EQ Bypass Enable
This bit enables JS0 to control the EQ bypass. When this bit is set to 1, JS0 = 1 causes the EQ to be
bypassed.
JS1EQB
JS1 EQ Bypass Enable
This bit enables JS1 to control the EQ bypass. When this bit is set to 1, JS1 = 1 causes the EQ to be
bypassed.
JSMT [2:0]
JS Mute Enable
Selector
These three bits select and enable the jack sense muting action (see Table 41).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com