Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ10-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7376ARUZ10-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ10-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7376ARUZ10-R7 Datasheet HTML 4Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 5Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 6Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 7Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 8Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 9Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 10Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 11Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7376
Rev. D | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A 1
B
2
VSS 3
GND
4
W
14
NC
13
VDD
12
SDO
11
CS
5
RS
6
CLK
7
SHDN
10
SDI
9
NC
8
NC = NO CONNECT
AD7376
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead TSSOP Pin Configuration
A 1
B
2
VSS 3
GND
4
W
16
NC
15
VDD
14
SDO
13
CS
5
SHDN
12
RS
6
SDI
11
CLK
7
NC
10
NC
8
NC
9
NC = NO CONNECT
AD7376
TOP VIEW
(Not to Scale)
Figure 5. 16-Lead SOIC_W Pin Configuration
Table 6.Pin Function Descriptions
Pin No.
14-Lead
TSSOP
16-Lead
SOL
Mnemonic
Description
1
1
A
A Terminal. VSS ≤ VA ≤ VDD.
2
2
B
B Terminal. VSS ≤ VB ≤ VDD.
3
3
VSS
Negative Power Supply.
4
4
GND
Digital Ground.
5
5
CS
Chip Select Input, Active Low. When CS returns high, data is loaded into the wiper register.
6
6
RS
Reset to Midscale.
7
7
CLK
Serial Clock Input. Positive edge triggered.
8
8, 9, 10
NC
No Connect. Let it float or ground.
9
11
SDI
Serial Data Input (data loads MSB first).
10
12
SHDN
Shutdown. A terminal open ended; W and B terminals shorted. Can be used as
programmable preset.1
11
13
SDO
Serial Data Output.
12
14
VDD
Positive Power Supply.
13
15
NC
No Connect. Let it float or ground.
14
16
W
Wiper Terminal. VSS ≤ VW ≤ VDD.
1
Assert shutdown and program the device during power-up. Then, deassert the shutdown to achieve the desirable preset level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com