Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ10-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7376ARUZ10-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ10-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7376ARUZ10-R7 Datasheet HTML 5Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 6Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 7Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 8Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 9Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 10Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 11Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 12Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7376
Rev. D | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
CODE (Decimal)
0
128
16
32
48
64
80
96
112
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 6. Resistance Step Position Nonlinearity Error vs. Code
CODE (Decimal)
0
128
16
32
48
64
80
96
112
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 7. Relative Resistance Step Change from Ideal vs. Code
CODE (Decimal)
0
128
16
32
48
64
80
96
112
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 8. Potentiometer Divider Nonlinearity Error vs. Code
CODE (Decimal)
0
128
16
32
48
64
80
96
112
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
VDD = +15V
VSS = –15V
–40°C
+85°C
+25°C
Figure 9. Potentiometer Divider Differential Nonlinearity Error vs. Code
20
–4
–40
TEMPERATURE (°C)
16
12
8
4
0
–20
0
20
40
60
80
100
120
IDD @ VDD/VSS = 30V/0V
IDD @ VDD/VSS = ±15V
ISS @ VDD/VSS = 30V/0V
ISS @ VDD/VSS = ±15V
Figure 10. Supply Current (IDD, ISS) vs. Temperature
0.5
–0.5
–40
TEMPERATURE (ºC)
–20
0
20
40
60
80
100
120
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
Figure 11. Shutdown Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com