Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ10-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7376ARUZ10-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ10-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7376ARUZ10-R7 Datasheet HTML 11Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 12Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 13Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 14Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 15Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 16Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 17Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 18Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7376
Rev. D | Page 15 of 20
LAYOUT AND POWER SUPPLY BIASING
It is a good practice to employ a compact, minimum lead-length
layout design. The leads to the input should be as direct as
possible, with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors. Low ESR (equivalent series resistance)
1 μF to 10 μF tantalum or electrolytic capacitors should be
applied at the supplies to minimize transient disturbances and
filter low frequency ripple. Figure 31 illustrates the basic supply
bypassing configuration for the AD7376.
The ground pin of the AD7376 is a digital ground reference. To
minimize the digital ground bounce, the AD7376 digital ground
terminal should be joined remotely to the analog ground (see
Figure 31).
VDD
VDD
VSS
VSS
GND
C3
AD7376
C4
C1
+
+
C2
10µF
10µF
0.1µF
0.1µF
Figure 31. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com