Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ10-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7376ARUZ10-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ10-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7376ARUZ10-R7 Datasheet HTML 12Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 13Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 14Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 15Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 16Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 17Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 18Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 19Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD7376
Rev. D | Page 19 of 20
ORDERING GUIDE
Model1
kΩ
Temperature Range
Package Description2, 3
Package Option
Ordering Quantity
AD7376ARUZ10
10
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD7376ARUZ10-R7
10
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD7376ARWZ10
10
−40°C to +85°C
16-Lead SOIC_W
RW-16
47
AD7376ARWZ10-RL
10
−40°C to +85°C
16-Lead SOIC_W
RW-16
1,000
AD7376ARUZ50-REEL7
50
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD7376ARUZ50
50
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD7376ARWZ50
50
−40°C to +85°C
16-Lead SOIC_W
RW-16
47
AD7376ARUZ100
100
−40°C to +85°C
14-Lead TSSOP
RU-14
96
AD7376ARUZ100-R7
100
−40°C to +85°C
14-Lead TSSOP
RU-14
1,000
AD7376ARWZ100
100
−40°C to +85°C
16-Lead SOIC_W
RW-16
47
EVAL-AD7376EBZ
10
1
1
Z = RoHS Compliant Part.
2
In SOIC RW-16 package top marking: line 1 shows AD7376; line 2 shows the branding information, where A10 = 10 kΩ, A50 = 50 kΩ, and A100 = 100 kΩ; line 3 shows a
“#” top marking with the date code in YYWW; and line 4 shows the lot number.
3
In TSSOP-14 package top marking: line 1 shows 7376; line 2 shows the branding information, where A10 = 10 kΩ, A50 = 50 kΩ, and A100 = 100 kΩ; line 3 shows a “#”
top marking with the date code in YWW; back side shows the lot number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com