Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ10-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7376ARUZ10-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ10-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7376ARUZ10-R7 Datasheet HTML 10Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 11Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 12Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 13Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 14Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 15Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 16Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 17Page - Analog Devices AD7376ARUZ10-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7376
Rev. D | Page 14 of 20
DAISY-CHAIN OPERATION
CS
SDI
SERIAL
REGISTER
D
CK
Q
RS
SHDN
SDO
RS
CLK
Figure 27. Detailed SDO Output Schematic of the AD7376
Figure 27 shows the details of the serial data output pin (SDO).
SDO shifts out the SDI content in the previous frame; therefore,
it can be used for daisy-chaining multiple devices. The SDO pin
contains an open-drain N-Channel MOSFET and requires a
pull-up resistor if the SDO function is used.
Users need to tie the SDO pin of one package to the SDI pin of
the next package. For example, in Figure 28, if two AD7376s are
daisy-chained, a total of 14 bits of data are required for each
operation. The first set of seven bits goes to U2; the second set
of seven bits goes to U1. CS should be kept low until all 14 bits
are clocked into their respective serial registers. Then CS is
pulled high to complete the operation.
When daisy-chaining multiple devices, users may need to
increase the clock period because the pull-up resistor and the
capacitive loading at the SDO to SDI interface may induce a
time delay to subsequent devices.
AD7376
SDO
SDI
CLK
CS
AD7376
SDO
SDI
CLK
CS
µC
5V
RPU
2.2kΩ
MOSI
SS
SCLK
U1
U2
Figure 28. Daisy-Chain Configuration
ESD PROTECTION
All digital inputs are protected with a series input resistor and
an ESD structure shown in Figure 29. These structures apply to
digital input pins CS, CLK, SDI, RS, and SHDN.
INPUT
340Ω
LOGIC
PINS
VDD
GND
Figure 29. Equivalent ESD Protection Circuit
All analog terminals are also protected by ESD protection
diodes, as shown in Figure 30.
VSS
VDD
A
W
B
Figure 30. Equivalent ESD Protection Analog Pins
TERMINAL VOLTAGE OPERATING RANGE
The AD7376 VDD and VSS power supplies define the boundary
conditions for proper 3-terminal digital potentiometer oper-
ation. Applied signals present on Terminals A, B, and W that
are more positive than VDD or more negative than VSS will be
clamped by the internal forward-biased diodes (see Figure 30).
POWER-UP AND POWER-DOWN SEQUENCES
Because of the ESD protection diodes that limit the voltage
compliance at Terminals A, B, and W (see Figure 30), it is
important to power VDD/VSS before applying voltage to
Terminals A, B, and W. Otherwise, the diodes are forward
biased such that VDD/VSS are powered unintentionally and affect
the system. Similarly, VDD/VSS should be powered down last.
The ideal power-up sequence is in the following order: GND,
VDD, VSS, digital inputs, and VA/VB/VW. The order of powering
VA, VB, VW, and the digital inputs is not important, as long as
they are powered after VDD/VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com