Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410HX500LE Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC7410HX500LE
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410HX500LE Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC7410HX500LE Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
25
Pinout Listings
Figure 16. Pinout of the MPC7410, 360 CBGA and 360 HCTE Packages
as Viewed from the Top Surface
6
Pinout Listings
Table 12 provides the pinout listing for the MPC7410 360 CBGA, 360 HCTE packages.
Table 12. Pinout Listing for the MPC7410, 360 CBGA and 360 HCTE Packages
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes
A[0:31]
A13, D2, H11, C1, B13, F2, C13, E5, D13, G7, F12, G3,
G6, H2, E2, L3, G5, L4, G4, J4, H7, E1, G2, F3, J7, M3, H3,
J2, J6, K3, K2, L2
High
I/O
BVSEL
AACK
N3
Low
Input
BVSEL
—
ABB
L7
Low
Output
BVSEL
12, 16
AP[0:3]
C4, C5, C6, C7
High
I/O
BVSEL
—
ARTRY
L6
Low
I/O
BVSEL
—
AVDD
A8
—
Input
VDD
—
BG
H1
Low
Input
BVSEL
—
BR
E7
Low
Output
BVSEL
—
BVSEL
W1
High
Input
N/A
1, 3, 8,
9, 14
CHK
K11
Low
Input
BVSEL
2, 8, 9
CI
C2
Low
I/O
BVSEL
—
CKSTP_IN
B8
Low
Input
BVSEL
—
CKSTP_OUT
D7
Low
Output
BVSEL
—
CLK_OUT
E3
High
Output
BVSEL
—
DBB
K5
Low
Output
BVSEL
12, 16
DBG
K1
Low
Input
BVSEL
—
DH[0:31]
W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7, P9,
W9, R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5, U5, W4,
P7, V5, V4, W3, U4, R5
High
I/O
BVSEL
—
View
Part C
Die
Substrate Assembly
Encapsulant
LGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com