Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410HX500LE Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC7410HX500LE
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410HX500LE Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC7410HX500LE Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
53
Ordering Information
10 Ordering Information
Ordering information for the parts fully covered by this specification document is provided in Section 10.1, “Part
Numbers Addressed by This Specification.” Section 10.2, “Part Numbers Not Fully Addressed by This Document,”
lists the part numbers which do not fully conform to the specifications of this document. These special part numbers
require an additional document called a part number specification.
10.1 Part Numbers Addressed by This Specification
Table 17 provides the Freescale part numbering nomenclature for the MPC7410 Note that the individual part
numbers correspond to a maximum processor core frequency. For available frequencies, contact your local Freescale
sales office. In addition to the processor frequency, the part numbering scheme also includes an application modifier
which may specify special application conditions. Each part number also contains a revision code which refers to
the die mask revision number.
Table 17. Part Numbering Nomenclature
Mxx
7410
xx
nnn
x
x
Product
Code
Part
Identifier
Package 1
Processor
Frequency 2
Application
Modifier
Revision Level
MPC
7410
RX = CBGA
400
450
500
L: 1.8 V ± 100 mV
0
° to 105°C
C: 1.2; PVR = 800C 1102
D: 1.3; PVR = 800C 1103
E: 1.4; PVR = 800C 1104
HX = HCTE_CBGA
E: 1.4; PVR = 800C 1104
VS = HCTE_LGA
MC
VU = HCTE_CBGA
(Lead Free C5
Solder Spheres)
400
500
Notes:
1. See Section 7, “Package Description,” for more information on available package types and Table 4 for more
information on thermal characteristics.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by part number specifications may
support other maximum core frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com