Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410HX500LE Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC7410HX500LE
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410HX500LE Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC7410HX500LE Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
29
Package Description
7
Package Description
The following sections provide the package parameters and mechanical dimensions for the MPC7410, 360 CBGA
and 360 HCTE packages.
7.1 Package Parameters for the MPC7410, 360 CBGA and
360 HCTE_CBGA
The package parameters are as provided in the following list. The package types are the 25
× 25 mm, 360-lead
ceramic ball grid array package (CBGA) or the 25
× 25 mm, 360-lead high coefficient of thermal expansion CBGA
package (HCTE_CBGA).
Package outline
25
× 25 mm
Interconnects
360 (19
× 19 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.72 mm
Maximum module height
3.20 mm
Ball diameter
0.89 mm (35 mil)
Coefficient of thermal expansion
6.8 ppm/°C (CBGA)
12.3ppm/°C (HCTE_CBGA)
7.2 Package Parameters for the MPC7410, 360 HCTE_CBGA (Lead
Free C5 Spheres)
The package parameters are as listed here. The package types are the 25
× 25 mm, 360-lead high coefficient of
thermal expansion CBGA package with lead-free C5 spheres (HCTE_CBGA lead-free spheres).
Package outline
25
× 25 mm
Interconnects
360 (19
× 19 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.32 mm
Maximum module height
2.80 mm
Ball diameter
0.76 mm (30 mil)
Coefficient of thermal expansion
12.3ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com