Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410HX500LE Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC7410HX500LE
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410HX500LE Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC7410HX500LE Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
51
Document Revision History
1.0
—
Section 1.3 and Table 3—revised OVDD from 3.3 V ± 100 mV to 3.3 V ± 165 mV.
Table 13—removed unsupported PLL configurations.
Table 12—added note 15 for minimum MCP pulse width, correct note 3 for 3.3-V processor bus
support.
Table 13—revised note 3 to include emulator tool development.
Table 14—removed unsupported Core-to-L2 example frequencies.
Section 1.8.8—updated heat sink vendors list.
Section 1.8.8.2—updated interface vendors list.
Table 1—updated voltage sequencing requirements notes 3 and 4.
Table 4—Updated/added thermal characteristics.
Table 5—removed table and TAU related information, TAU is no longer supported.
Table 6—updated Iin and ITSI leakage current specs.
Section 1.8.3—removed section.
Section 1.10—reformatted section.
Section 1.8.6—changed recommended pull-up resistor value to 1 kW–5 kW. Added AACK, TEA, and
TS to control signals needing pull-ups. Added pull-up resistor value recommendation for
L1_TSTCLK, L2_TSTCLK, and LSSD_MODE factory test signals.
Section 1.8.7—revised text regarding connection of TRST. Combined Figure 22, Figure 23, and Table
17, into Figure 21.
Table 7—corrected min VCO frequencies from 450 to 700 MHz to match min processor frequency of
350 MHz.
Table 2—added note 3 to clarify BVSEL for revisions prior to Rev. E which do not support 3.3 V OVDD.
Table 3—added notes 5 and 6 to clarify BVSEL for revisions prior to Rev. E which do not support 3.3 V
OVDD.
Table 5—added note 8 regarding DC voltage limits for JTAG signals.
Table 16. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com