Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410HX500LE Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC7410HX500LE
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410HX500LE Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC7410HX500LE Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
26
Freescale Semiconductor
Pinout Listings
DL[0:31]
M6, P3, N4, N5, R3, M7, T2, N6, U2, N7, P11, V13, U12,
P12, T13, W13, U13, V10, W8, T11, U11, V12, V8, T1, P1,
V1, U1, N1, R2, V3, U3, W2
High
I/O
BVSEL
—
DP[0:7]
L1, P2, M2, V2, M1, N2, T3, R1
High
I/O
BVSEL
—
DRDY
K9
Low
Output
BVSEL
6, 8, 13
DBWO
DTI[0]
D1
Low
Input
BVSEL
—
DTI[1:2]
H6, G1
High
Input
BVSEL
5, 10, 13
EMODE
A3
Low
Input
BVSEL
7, 10
GBL
B1
Low
I/O
BVSEL
—
GND
D10, D14, D16, D4, D6, E12, E8, F4, F6, F10, F14, F16,
G9, G11, H5, H8, H10, H12, H15, J9, J11, K4, K6, K8, K10,
K12, K14, K16, L9, L11, M5, M8, M10, M12, M15, N9, N11,
P4, P6, P10, P14, P16, R8, R12, T4, T6, T10, T14, T16
——
N/A
—
HIT
B5
Low
Output
BVSEL
6, 8
HRESET
B6
Low
Input
BVSEL
—
INT
C11
Low
Input
BVSEL
—
L1_TSTCLK
F8
High
Input
BVSEL
2
L2ADDR[0:16]
L17, L18, L19, M19, K18, K17, K15, J19, J18, J17, J16,
H18, H17, J14, J13, H19, G18
High
Output
L2VSEL
—
L2ADDR[17:18]
K19,W19
High
Output
L2VSEL
8
L2AVDD
L13
—
Input
VDD
—
L2CE
P17
Low
Output
L2VSEL
—
L2CLK_OUTA
N15
High
Output
L2VSEL
—
L2CLK_OUTB
L16
High
Output
L2VSEL
—
L2DATA[0:63]
U14, R13, W14, W15, V15, U15, W16, V16, W17, V17,
U17, W18, V18, U18, V19, U19, T18, T17, R19, R18, R17,
R15, P19, P18, P13, N14, N13, N19, N17, M17, M13, M18,
H13, G19, G16, G15, G14, G13, F19, F18, F13, E19, E18,
E17, E15, D19, D18, D17, C18, C17, B19, B18, B17, A18,
A17, A16, B16, C16, A14, A15, C15, B14, C14, E13
High
I/O
L2VSEL
—
L2DP[0:7]
V14, U16, T19, N18, H14, F17, C19, B15
High
I/O
L2VSEL
—
L2OVDD
D15, E14, E16, H16, J15, L15, M16, K13, P15, R14, R16,
T15, F15
——
N/A
11
L2SYNC_IN
L14
High
Input
L2VSEL
—
L2SYNC_OUT
M14
High
Output
L2VSEL
—
L2_TSTCLK
F7
High
Input
BVSEL
2
Table 12. Pinout Listing for the MPC7410, 360 CBGA and 360 HCTE Packages (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com