Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410HX500LE Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC7410HX500LE
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410HX500LE Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC7410HX500LE Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7410HX500LE Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
12
Freescale Semiconductor
Electrical and Thermal Characteristics
High-Z (off-state) leakage current,
Vin = L2OVDD/OVDD
1.8
ITSI
—20
µA
2, 3,
5, 7
2.5
ITSI
—35
3.3
ITSI
—70
Output high voltage, IOH = –5 mA
1.8
VOH
(L2)OVDD – 0.45
—
V
8
2.5
VOH
1.7
—
3.3
VOH
2.4
—
Output low voltage, IOL = 5 mA
1.8
VOL
—0.45
V
8
2.5
VOL
—0.4
3.3
VOL
—0.4
Capacitance, Vin = 0 V, f = 1 MHz
Cin
—
6.0
pF
3, 4, 7
Notes:
1. Nominal voltages; see Table 3 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while L2OVDD is the reference for the L2 bus signals.
3. Excludes factory test signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OVDD and L2OVDD, or both OVDD and L2OVDD must vary in the same
direction (for example, both OVDD and L2OVDD vary by either +5% or –5%).
6. Measured at max OVDD/L2OVDD.
7. Excludes IEEE 1149.1 boundary scan (JTAG) signals.
8. For JTAG support: all signals controlled by BVSEL and L2VSEL will see VIL/VIH/VOL/VOH/CVIH/CVIL DC limits of
1.8 V mode while either the EXTEST or CLAMP instruction is loaded into the IEEE 1149.1 instruction register by
the UpdateIR TAP state until a different instruction is loaded into the instruction register by either another UpdateIR
or a Test-Logic-Reset TAP state. If only TSRT is asserted to the part, and then a SAMPLE instruction is executed,
there is no way to control or predict what the DC voltage limits are. If HRESET is asserted before executing a
SAMPLE instruction, the DC voltage limits will be controlled by the BVSEL/L2VSEL settings during HRESET.
Anytime HRESET is not asserted (that is, just asserting TRST), the voltage mode is not known until either EXTEST
or CLAMP is executed, at which time the voltage level will be at the DC limits of 1.8 V.
Table 5. DC Electrical Specifications (continued)
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus
Voltage1
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com