Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2061 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AP2061
Description  2.0A High-side LED Driver for Camera Flash with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2061 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AP2061 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 17Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 18Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 19Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 20Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 21Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 22Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 23Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 24Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CONFIDENTIAL
[AP2061]
Rev. 0.1
- 21 -
2012/10
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
05H
Light Control
FLASH
TORCH
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
FLASH: Drive LED with flashing current
TORCH: Drive LED with torching current
TXON pin
STROBE pin
TORCH pin
FLASH bit
TROCH bit
Status
Low
Low
Low
0
0
Standby
Low
Low
Low
0
1
TORCH
Low
Low
Low
1
0
FLASH
Low
Low
Low
1
1
FLASH
Low
Low
High
0
0
TORCH
Low
Low
High
0
1
TORCH
Low
Low
High
1
0
FLASH
Low
Low
High
1
1
FLASH
Low
High
*
*
*
FLASH
High
Low
Low
0
0
Standby
High
STROBE pin= High or TORCH pin= High
or FLASH bit=1 or TORCH bit= 1
TORCH
Table 8. LED Control Status (LED1=LED2 bits= “01” or “10” or “11”)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
06H
Fault/Status
LIGHT_
NG
EN_NG
TSD
NTC
LO
UVLO
VOS
LS
R/W
RD
RD
RD
RD
RD
RD
RD
RD
Default
0
0
0
0
0
0
0
0
LS: Show LED1 pin short to GND or LED2 pin short to GND.
0: not short
1: short
VOS: Show VOUT1 pin short to GND or VOUT2 short to GND.
0: not short
1: short
UVLO: Show UVLO is detected or not.
0: not in the status of UVLO
1: UVLO
LO: show LED is open or not.
0: not open
1: open
NTC: NTC protection is working or not.
0: not working
1: working
TSD: Thermal shut down is detected or not.
0: not in the status of TSD
1: TSD
EN_NG:for Start-up Stand-by
0:VOUT≧VIN-0.1V(Stand-by)
1:VOUT<VIN-0.1V(not Stand-by)
LIGHT_NG:for Second Start-up Stand-by
0:VOUT≒VIN(Stand-by)
1:VOUT≠VIN(not Stand-by)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com