Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2061 Datasheet(PDF) 22 Page - Asahi Kasei Microsystems

Part # AP2061
Description  2.0A High-side LED Driver for Camera Flash with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2061 Datasheet(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AP2061 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 17Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 18Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 19Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 20Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 21Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 22Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 23Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 24Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
CONFIDENTIAL
[AP2061]
Rev. 0.1
- 22 -
2012/10
SYSTEM DESIGN
LED1
LED2
TORCH
NTC
VOUT
VOUT
TXON
SDA
SW1
SW2
STROBE
SCL
PGND
PGND
VSS
VIN
LED1
LED2
VIN
VIN
VIN
VIN
GND
GND
GND
GND
TORCH
NTC
TXON
SDA SCL
STROBE
4.6mm
4.5mm
Please connect NTC pin, TROCH
pin, TXON pin, STROBE pin to
GND, if these pins are not used.
Inductor
(2520)
Cout
Cin
The example of recommended external parts (LED1=LED2=800mA, VIN=3.0~4.5V, VOUT<4.5V)
項目
項目
項目
項目
記号
記号
記号
記号
定数
定数
定数
定数
Typ
Typ
Typ
Type(
e(
e(
e(例
例))))
寸法
寸法
寸法
寸法
メーカ
メーカ
メーカ
メーカ
DFE252010C
DC RES=45mohm
2.5 x 2.0 x 1.2 mm
TOKO
LQH44PN1R0NP0
DC=30mohm
3.7 x 4.0 x 1.8mm
Murata
Inductor
L
1uH
VLF4014ST-1R0N2R3
DC=50mohm
3.8 x 3.6 x 1.4mm
TDK
GRM188B30J475KE18 (6.3V)
1.6 x 0.8 mm
Murata
Condenser
Cin
Cout
4.7uF
C1608JB0J475K, C1608JB0J475M
C1608X5R0J475K, C1608X5R0J475M
3.5uF @3.7V, 2.8uF @5V
1.6 x 0.8 mm
TDK
NTC抵抗
150k
220k
470k
NCP15WM154 (B constant=4614)
NCP15WM224 (B constant=4614)
NCP15WM474 (B constant=4614)
1.0×0.5 mm
Murata
Table 9. Recommend external parts example
Note:
- PGND and VSS shall be connected to the same ground plane.
- Inductor shall be placed as close as possible to the chip.
- Capacitors shall be placed as close as possible to the chip.
- Low ESR (Equivalent Series Resistance) capacitors are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com