Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2061 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP2061
Description  2.0A High-side LED Driver for Camera Flash with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2061 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP2061 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CONFIDENTIAL
[AP2061]
Rev.0.1
- 5 -
2012/10
ANALOG CHARACTERISTICS
(PGND=VSS=0V (Note 1), VIN=2.7~4.7V,TA=-30~85 °C, Recommend Parts, unless otherwise specified)
Parameter
Symbol
min
typ
max
Units
Conditions
Power-down Current
ISB
1.0
5.0
µA
LED1, LED2 bits = “0”
SCL, SDA pins= VIN
VIN= 3.7V
Quiescent Current
(from VIN pin)
IQ
1
1.5
mA
LED1=LED2=30mA setting
VOUT= 4.5V
LED Current Accuracy1
IACCU1
-5
5
%
ILED1=ILED2= 1000mA
(flash mode, VDD=3.7V,
TA=25 °C)
LED Current Accuracy2
IACCU2
-8
8
%
ILED1=ILED2= 1000mA
LED Current Accuracy3
IACCU3
-12
12
%
ILED1=ILED2= 200mA
Current Source Dropped Voltage 1
(VOUT-(LED1 or 2) pin voltage)
VDROP1
TBD
0.35
TBD
V
VLED1,VLED2 >=2.8V
ILED1=ILED2= 0.03~0.8A
CB bit= “0”
Current Source Dropped Voltage 2
(VOUT-(LED1 or 2) pin voltage)
VDROP2
TBD
0.43
TBD
V
VLED1,VLED2 >=2.8V
ILED1=ILED2= 1A
CB bit= “1”
Over Voltage Protection
Hysteresis
OVP
TBD
5.1
0.21
TBD
V
Under Voltage Lock Out (UVLO)
Hysteresis
VUVLO
2.4
2.5
0.1
2.6
V
Boost Frequency
FBOOST
3.7
4.0
4.3
MHz
Timeout Time Accuracy
TOUTA
-10
10
%
Inductor Current Limit Accuracy
ILIMITA
-15
15
%
Time (Flash to Torch)
TFtoT
5
µs
TXON pin= “L” to “H”
ILED1=ILED2=1000mA to 30mA
NTC pin Detection Accuracy
VDETA
-8
8
%
NTC pin current
VCurrent
TBD
35
TBD
µA
VIN Detection Accuracy
VDETA
-5
5
%
VIN Detection Hysteresis
VDETH
0.1
V
Thermal Protection Temperature
Hysteresis
Treg
Tregh
150
170
15
190
degree
DC CHARACTERISTICS
(Ta= -30 ∼ 85°C; VIN=2.7 ∼ 5.5V), SCL, SDA, TXON, STROBE, TORCH pins.
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
VIH
1.2
-
VIN
V
Low-Level Input Voltage
VIL
-
-
0.4
V
Low-Level Output Voltage (Iout= 3mA)
(SDA pin)
VOL
-
-
0.4
V
Input Leakage Current 1
(SCL, SDA pins)
IIN1
-2
-
2
µA
Pull-down Resistance
TXON, STROBE, TORCH pins
RIN
100
300
700
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com