Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2061 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP2061
Description  2.0A High-side LED Driver for Camera Flash with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2061 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP2061 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CONFIDENTIAL
[AP2061]
Rev.0.1
- 8 -
2012/10
LED Temperature Detection Function
AP2061 can detect LED temperature with NTC thermistor (Negative Temperature Coefficient Thermistor) which connect
to NTC pin. The current which flow at NTC thermistor is 35uA.
Protection
Working condition
Device status
Return condition
LED1~2 temperature
protection (Note 5)
NTC pin voltage
< setting voltage(DET[2:0])
All circuits power-down
Address= “06H”, NTC= “1”
Set LED1= LED2=
“0” again
Note 5. The parasitic capacitor of NTC pin should be lower 50pF.
Example)
NTC thermistor: NCP15WM154(150k @25°C、B constant=4582, 1005 size, Murata)
NCP15WM224(220k @25°C、B constant=4582, 1005 size, Murata)
Formula: R=Ro*exp(B*(1/T-1/To))
(R:The value in the case of ambit temperature T(k);
Ro:The value in the case of ambit temperature To(k))
Detection voltage(V) @typ
(set by resistor)
0.60
0.67
0.74
0.81
0.88
0.95
1.02
Detection resistor (kohm)
17.1
19.1
21.1
23.1
25.1
27.1
29.1
Detection temperature(°C)
(in the case of using 150kohm)
74
71
69
66
64
62
61
Detection temperature(°C)
(in the case of using 220kohm)
84
82
79
76
74
72
70
Resistor
(kohm)
Temperature(°C)
In the case of using 150kohm
In the case of using 220kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com