Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2061 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP2061
Description  2.0A High-side LED Driver for Camera Flash with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2061 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP2061 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CONFIDENTIAL
[AP2061]
Rev.0.1
- 4 -
2012/10
ABSOLUTE MAXIMUM RATING
(PGND=VSS=0V; (Note 1))
Parameter
Symbol
min
max
Units
VIN, SW, VOUT, LED1, LED2, NTC pins
VIN1
−0.3
6.5
V
TXON, STROBE, SCL,SDA, TORCH pins
VIN2
−0.3
VIN+0.3
(Note 2)
V
Junction Temperature
TJMAX
-
125
°C
Storage Temperature
TSTG
−55
150
°C
Maximum Power Dissipation (Note 3)
PD
TBD
W
Note 1. All voltages are with respect to ground. PGND and VSS pins shall be connected to same ground.
Note 2. The maximum value is low value either (VIN+0.3)V or 6.5V.
Note 3. In the case that PCD (size: TBD x TBDmm, TBDmm, TBD layer), wiring density is 100% or more.
The value is internal power loss of AP2061 and does not include external parts power dissipation.
Note: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(PGND=VSS=0V; (Note 1))
Parameter
Symbol
min
typ
max
Units
Input Voltage (VIN)
Vbatt1
2.7
3.7
5.5
V
Operation Temperature
TA
-30
25
85
°C
Note: When 4.7V < VIN < 5.5V, AP2061 can work normally in the case that protection function is not working, but the
analog characteristics cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com