Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2061 Datasheet(PDF) 16 Page - Asahi Kasei Microsystems

Part # AP2061
Description  2.0A High-side LED Driver for Camera Flash with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2061 Datasheet(HTML) 16 Page - Asahi Kasei Microsystems

Back Button AP2061 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 17Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 18Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 19Page - Asahi Kasei Microsystems AP2061 Datasheet HTML 20Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
CONFIDENTIAL
[AP2061]
Rev. 0.1
- 16 -
2012/10
SCL FROM
MASTER
acknowledge
DATA
OUTPUT BY
TRANSMITTER
DATA
OUTPUT BY
RECEIVER
1
9
8
START
CONDITION
not acknowledge
clock pulse for
acknowledgement
S
2
Figure 14. Acknowledge on the I
2C-Bus
SCL
SDA
data line
stable;
data valid
change
of data
allowed
Figure 15. Bit Transfer on the I
2C-Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com