Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2152 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AP2152 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
[AP2152]
MS1348-E-00
2
2012/05
BLOCK DIAGRAM
UVLO
OS C
SW ITCH LOGIC
TIMER
LA TCH
LDO
5.0V
17
CH3
18
CH2
19
CH1
OVP
VIN
VDC
TM
RT
ISET
GND
20
10
14
8
9
LOW SIDE
CURRENT
S INK
13
CS
CH1
CH2
CH3
OVE R VOLTAGE
P ROTECTI ON
ERROR
AMP
DIMMI NG
CONT ROL
THERMAL
SHUTDOWN
5
12
PWM
COMPARATOR
PWM
11
COMP
PWM
CS
CURRENT
SENSE
CS
VDC
VOLTAGE
SELECT
LE D TIMER
3
CH
SHORT
4
3
SCLK
SDATA
LX
PGND
1
2
DRI VER
∑
∑
∑
∑
+
-
REG
3.0V
VOUT SHORT
PROT ECTION
LED S HORT
PROTECTI ON
3
VOSP
TIMER
CH OPEN
PROTECTI ON
3
4bit
SERIA L
I/F
3
TIMER
LATCH
VDC
SS
CURRENT
SINK
PWM
ERROR AMP
S S
6
7
SYNC CLKO
15
PGOOD
Fail
CH
VOSP
TSD
VOSP
TSD
VOUT
COUT
VIN
Figure 1. AP2152 Block Diagram
ROVP1
ROVP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com