Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2152 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP2152 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
[AP2152]
MS1348-E-00
4
2012/05
Pin No.
Pin Name
Function
12
RT
Switching frequency set pin. Oscillation frequency can be set by connecting a resistor
between the RT pin and GND. Please refer to section 2.4 “Switching frequency
setting/Function of synchronizing with external clock”.
13
ISET
LED driving current set pin. LED current can be set by connecting a resistor between the
ISET pin and GND. Please refer to section 2.3 “LED current setting”.
14
TM
Capacitor connection pin for timer. If an abnormality occurs in the IC, this pin outputs
10µA constant current. If this pin voltage exceeds 2.0V, the IC ceases its operation. By
returning to the standby state, the timer is reset and the IC can be released. When the
timer is unnecessary, please connect to GND. Please refer to section 2.6 “Timer latch (TM)
setting”.
15
PGOOD
Power Good pin. N channel open-drain, it keeps OFF when normal operation. If an
abnormality occurs in the IC, the operation is latched off by timer latch function and
internal FET turns ON. Please refer to “Protections description” for the detail of Power
Good pin status described later. When the power good function is unnecessary, please
connect to GND.
16
NC
NC pin.
17
CH3
WLEDs constant current circuit 3. CH3 is open drain, and provides constant current to the
LEDs. If this constant current channel is unnecessary, please keep this pin open.
18
CH2
WLEDs constant current circuit 2. CH2 is open drain, and provides constant current to
LEDs. If this constant current channel is unnecessary, please keep this pin open.
19
CH1
WLEDs constant current circuit 1. CH1 is open drain, and provides constant current to
LEDs. If this constant current channel is unnecessary, please keep this pin open.
20
GND
GND pin for internal circuits.
-
THERMAL
PAD
For heat radiation, connection to GND is recommended.
This is electrically isolated from the internal circuit.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Condition
VIN voltage
VIN
-0.3 to +45
V
*1
LX, CH1-3 Voltage
VLX,
VCH
-0.3 to +45
V
*1
SDATA, SCLK, PWM,VDC,
PGOOD, SYNC voltage
-
-0.3 to +6
V
*1
OVP, COMP, RT,
ISET, TM, CLKO voltage
-
-0.3 to (VDC + 0.3)
V
*1*4
CH1-3 current
ICH
140
mA
PGOOD current
IGOOD
20
mA
Power Dissipation
PD
2500
mW
*2, *3
Operating Temperature Range
TOP
-40 ~ +105
°
C
Storage Temperature Range
TSTG
-55 ~ +150
°
C
Note:
*1. All voltages refer to GND pin (GND, PGND) as zero (reference) voltage.
*2. PD must be decreased at the rate of 23.3mW/°C for operation above 25°C.
*3. Mounted on a 50 mm × 50 mm x 1 mm double sided FR-4 board.
*4. The maximum value is limited to 6.0V if VDC exceeds 5.7V.
Note:The maximum ratings are the absolute limitation values with the possibility of damage/breakage.
When operation exceeds this standard, quality cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com