Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2152 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP2152 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
[AP2152]
MS1348-E-00
1
2012/05
DESCRIPTION
The AP2152 is a 3 channel white LED driver IC. It is composed of a current mode DC/DC boost
converter with an internal power MOSFET and 3 channel constant current sources, which can drive up
to 10 LEDs per channel for a maximum of 30 LEDs.
The AP2152 achieves ±0.8% typ. LED current matching between each channel when the LED current
is set at 75.8mA. The LED current can be run up to a maximum of 120mA with the appropriate
external set resistor on the ISET pin.
The AP2152 operates over a wide input voltage range from 4.25V to 35V, and the switching
frequency goes up to a maximum of 2.5MHz with the appropriate external set resistor on the RT pin.
The switching frequency can also be synchronized with an external signal.
The AP2152 provides the LED dimming function via an external PWM signal, with a frequency range
from 100Hz to 20KHz.
The AP2152 provides LED open protection, LED short protection, OVP pin short protection, channel
short protection, over voltage protection, over current protection, thermal protection and UVLO.
FEATURES
White LED driving number: Maximum 30 pieces (10 pieces in series x 3 in parallel)
LED current matching: ±0.8% typ. (ILED=75.8mA)
LED maximum current: 120mA
Maximum switching frequency: 2.5MHz
PWM dimming frequency by applying external signal: Maximum 20kHz
Input voltage range: 4.25V∼
∼
∼
∼35V
Built-in 45V power MOSFET
Error flag through serial interface
Synchronize with External frequency
Master – Slave configuration
LED open protection
LED short protection
OVP pin short protection
Output channel short protection
Overvoltage protection (OVP)
Over current protection
Thermal protection
UVLO
20 pin HTSSOP with heat-sink package
APPLICATIONS
Display backlight
Lighting equipment
AP2152
3CH High Power WLED Driver


Similar Part No. - AP2152

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2152 DIODES-AP2152 Datasheet
2Mb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2152A DIODES-AP2152A Datasheet
778Kb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2152AFGEG-7 DIODES-AP2152AFGEG-7 Datasheet
778Kb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
More results

Similar Description - AP2152

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6878GUW ROHM-BD6878GUW Datasheet
220Kb / 6P
3ch Stepping Motor Driver
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
3ch 75ohm driver
logo
Power IC Ltd.
PS1518 PICSEMI-PS1518 Datasheet
631Kb / 12P
High Efficiency, Fixed Frequency WLED Driver
PIC8518 PICSEMI-PIC8518 Datasheet
127Kb / 2P
High Efficiency, Fixed Frequency WLED Driver
logo
Sanyo Semicon Device
LV5213LP SANYO-LV5213LP Datasheet
191Kb / 10P
3ch LED Driver
LV5217GP SANYO-LV5217GP_10 Datasheet
133Kb / 12P
3ch LED Driver
logo
ON Semiconductor
LV5213LP ONSEMI-LV5213LP Datasheet
178Kb / 10P
3ch LED Driver
August, 2013
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Unisonic Technologies
ULN2001LC UTC-ULN2001LC Datasheet
221Kb / 6P
3CH DARLINGTON SINK DRIVER
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
3CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com