Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2152 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AP2152 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
[AP2152]
MS1348-E-00
3
2012/05
PIN LAYOUT and APPLICATION CIRCUIT EXAMPLE
TOP VIEW
1 7
CH3
1 8
CH2
1 9
CH1
OVP
VIN
V DC
TM
RT
IS ET
GN D
2 0
10
1 4
8
9
5
12
PWM
11
COMP
4
3
S CLK
S DATA
LX
PGN D
1
2
6
4
SYNC
CLKO
1 5
PGO OD
CIN2
COUT2
L
D
COUT 1
CIN1
R OVP2- 1
VOUT
RISET
RT
RSYNC
C VDC
CT M
CC OMP
2
PWM INPUT
ROVP1
13
VIN
R OVP2- 2
CCOM P
1
RCOMP
Figure 2.
AP2152 Pin Layout and a circuit example
PIN DESCRIPTION
Pin No.
Pin Name
Function
1
LX
Power MOSFET pin. Nch MOSFET open-drain. If 2.6A or higher current is detected on this
pin, over-current protection circuit is activated.
2
PGND
GND for power MOSFET
3
SDATA
Data output from serial interface. Nch open-drain output.
The output data will be
synchronized with the clock input on the SCLK pin..
When the data function is
unnecessary please connect to GND.
4
SCLK
Clock input for serial interface. When the clock function is unnecessary please connect to
GND.
5
PWM
PWM dimming signal input pin. Built-in 200kΩ pull down resistor. This also functions as
the enable input, and if this pin goes to a high level, the IC is changed from the stand-by
state to the enable state, the internal LDO is activated, and the boost operation begins. If
this pin goes to a low level, the internal timer starts counting, 30msec later the IC goes
into the standby state.
6
SYNC
Clock input pin for synchronous operation. Built-in 1MΩ pull-down resistor.
If the synchronous operation is unnecessary, please connect to GND.
7
CLKO
Internal clock output pin. If the clock function is unnecessary, please keep this pin open.
8
VIN
Power input pin. Internal LDO input to provide power for internal circuits. 1.0μF should
be connected between the VIN pin and GND.
9
VDC
Internal LDO output pin. 5V output by regulating from VIN. Maximum output current is
30mA. 1.0μF should be connected between the VDC pin and GND.
10
OVP
Over voltage protection detection circuit input pin. The voltage at the OVP pin is the LED
Anode voltage divided by the resistor divider. If the voltage exceeds 1.2V, the boosted LED
anode voltage will be suppressed. If the voltage goes below 0.1V, the OVP pin short
protection circuit is activated.
11
COMP
DC/DC boost converter phase compensation pin. A resistor and a capacitor should be
connected between the COMP pin and GND.
1
20
HTSSOP20
CLKO
PGOOD
11
10
CH3
CH2
CH1
TM
LX
SCLK
SDATA
GND
VDC
OVP
ISET
VIN
PGND
PWM
RT
COMP
NC
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com