Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2152 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
[AP2152]
MS1348-E-00
8
2012/05
OPERATION
1) Operation Outline
The AP2152 is composed of a current mode DC/DC boost convertor, 3 LED constant current source
channels, an LDO, and several protection circuits. It can drive a single LED line to three LED lines
connected together with a common anode. (Any unused channel should be left open)
This current mode DC/DC boost convertor has a built-in a power MOSFET, and the switching
frequency is determined by an external resistor or an external clock signal. The LED anode voltage is
optimized by monitoring each channel’s voltage and the channel voltage that has the highest forward
voltage is chosen. This voltage is used to control the DC/DC boost convertor’s output voltage . constant
current circuits for driving the LEDs are set by an external resistor, and PWM dimming is possible by
applying a PWM signal to the PWM pin. The latch-off time for the protection circuits, such over current
protection, channel short protection, and thermal protection can be set. There is also a PGOOD pin to
output the latch-off status.
The AP2152 flowchart at startup is shown in Figure 5.
When all CH pins are used, applying a PWM signal begins the DC/DC boost convertor operation. The
LED anode voltage rises, and if the LED current of all the CH reaches 1/10 of the set current, the
soft-start circuit is activated and the LED current gradually increases in approximately 1ms, and LEDs
are lit.
If there are any unused CH pins, the LED open detection circuit is activated at the beginning of the
DC/DC boost converter operation as soon as the PWM signal is applied. When the LED anode voltage
reaches the OVP preset value, the OVP state is detected. If a CH pin has not reached 1/10 of the LED set
current, an open state is recognized, and the LED constant current circuit will cease. For CH pins
connected to LEDs, the LED current reaches 1/10 of the set current, the normal connection is
recognized, and the LEDs are lit after the soft-start operation.
Figure 5. Flowchart at startup
Apply power
Apply PWM
Reference Voltage→ ON.
VDC →ON.
Power on
Reset.
Boost circuit ON.
Constant current circuit
(1/10 of the set current)
ON.
1/10 of the set
current flows to all
3 CH constant
current circuits.
Vout reaches
the OVP voltage.
Exclude open
CH from DC/DC
control.
Operate LED
current soft start
1ms
Normal
operation
300µs delay
Delay time 30µs
All CH pin are used(3CHs).
1 or 2CHs is/are used.
When a current is not
flowed on the constant
current circuit in the CH.
Initial determination mode
Boost circuit/constant
current circuit operation
continues regardless the
PWM signal level
(high/low).
Tsw×1920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com