Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2152 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
[AP2152]
MS1348-E-00
11
2012/05
2-9) LED short protection and Cout setting
The AP2152 has a built in LED short protection circuit. If an LED is broken as a short state and the CH
pin voltage exceeds 10.8V, the corresponding constant current circuit will be ceased.
If there is an unused CH pin, the LED anode voltage increases up to the OVP setting voltage by the
LED open detection circuit. In this case, the CH pin temporarily increases and becomes the same state
as the LED short protection, in order to distinguish this case from LED short protection operation, the
opened CH pin is excluded using the IC internal counter. For this operation, the Cout value is
constrained, so Cout should be determined using the following formula.
LED short protection count time>CH pin voltage rising time (10.8V or higher)
①LED short protection count time
1920
×
Fsw
1
=
②
 
95
.
0
Iout
)
V
8
.
10
-
)
min
(
LEDVf
-
)
max
vp(
Vo
(
Cout
time
rising
voltage
pin
CH
×
×
=
2-10) PGOOD function
The PGOOD pin is an Nch open drain output. The internal FET on the PGOOD pin stays off when the
supply voltage is 0V (If the PGOOD pin is connected to a pull-up resistor, the PGOOD pin becomes high
level) If the supply voltage reaches to approximately 2V, the internal circuits are biased and the
internal PGOOD FET turns on. If the supply voltage is more than UVLO and the PWM pin is high, the
standby circuit will be released, the IC recognizes as normal operation and the internal PGOOD FET
turns off. If a protection circuit is activated after normal operation, the internal PGOOD turns on.
(Relationship between protection function and the PGOOD pin state is later described in “Protection
Function”). By applying a PWM low level for longer than 50ms, the IC will be reset and the internal
PGOOD FET turns on in a standby state.
When the LED anode is shorted to GND, the internal PGOOD FET immediately is turned on by the
OVP pin short circuit protection and the PGOOD signal can be used to cut the path from VIN to the LED
anode. (Refer to Figure 7)
The AP2152 employs a timer latch method for protection functions. If the FET over current protection,
thermal protection, CH short protection, LED open protection, or LED short protection is activated, the
IC is latched off and turns off the LEDs.
For example, when the PGOOD pin is monitored by a microcomputer and an abnormal state (PGOOD
pin with pull-up resistor is low level) is detected, the microcomputer controls a restart sequence after
the IC is reset, so a highly stable system configuration is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com