Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0-VLVCMOS Datasheet(PDF) 12 Page - Altera Corporation

Part # 3.0-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.0-VLVCMOS Datasheet(HTML) 12 Page - Altera Corporation

Back Button 3.0-VLVCMOS Datasheet HTML 8Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 9Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 10Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 11Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 12Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 13Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 14Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 15Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
1–12
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
f For more illustrations of receiver input and transmitter output waveforms, and for
other differential I/O standards, refer to the High-Speed Differential Interfaces in
Cyclone III Devices chapter.
Table 1–16. Cyclone III Devices Differential SSTL I/O Standard Specifications (1)
I/O Standard
VCCIO (V)
VSwing(DC) (V)
VX(AC) (V)
VSwing(AC)
(V)
VOX(AC) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Max
Min
Typ
Max
SSTL-2
Class I, II
2.375
2.5
2.625 0.36
VCCIO VCCIO/2 – 0.2
—
VCCIO/2
+ 0.2
0.7
VCCI
O
VCCIO/2 –
0.125
—
VCCIO/2
+ 0.125
SSTL-18
Class I, II
1.7
1.8
1.90
0.25
VCCIO
VCCIO/2 –
0.175
—
VCCIO/2
+ 0.175
0.5
VCCI
O
VCCIO/2 –
0.125
—
VCCIO/2
+ 0.125
Note to Table 1–16:
(1) Differential SSTL requires a VREF input.
Table 1–17. Cyclone III Devices Differential HSTL I/O Standard Specifications (1)
I/O Standard
VCCIO (V)
VDIF(DC) (V)
VX(AC) (V)
VCM(DC) (V)
VDIF(AC) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Typ
Max
Mi
n
Max
HSTL-18
Class I, II
1.71
1.8
1.89
0.2
—
0.85
—
0.95
0.85
—
0.95
0.4
—
HSTL-15
Class I, II
1.425
1.5
1.575
0.2
—
0.71
—
0.79
0.71
—
0.79
0.4
—
HSTL-12
Class I, II
1.14
1.2
1.26
0.16
VCCIO 0.48 * VCCIO
—
0.52 *
VCCIO
0.48 *
VCCIO
—
0.52 *
VCCIO
0.3
0.48 *
VCCIO
Note to Table 1–17:
(1) Differential HSTL requires a VREF input.
Table 1–18. Cyclone III Devices Differential I/O Standard Specifications (1)
(Part 1 of 2)
I/O
Standard
VCCIO (V)
VID (mV)
VIcM (V) (2)
VOD (mV) (3)
VOS (V) (3)
Min
Typ
Max
Min
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max
LVPECL
(Row I/Os)
(4)
2.375
2.5
2.625
100
—
0.05
DMAX500 Mbps
1.80
——
—
—
—
—
0.55
500 Mbps
 D
MAX
 700 Mbps
1.80
1.05
DMAX > 700 Mbps
1.55
LVPECL
(Column
I/Os) (4)
2.375
2.5
2.625
100
—
0.05
DMAX 500 Mbps
1.80
——
—
—
—
—
0.55
500 Mbps
 D
MAX
700 Mbps
1.80
1.05
DMAX > 700 Mbps
1.55
LVDS (Row
I/Os)
2.375
2.5
2.625
100
—
0.05
DMAX 500 Mbps
1.80
247
—
600
1.125 1.25 1.375
0.55
500 Mbps
 D
MAX
 700 Mbps
1.80
1.05
DMAX > 700 Mbps
1.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com