Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0-VLVCMOS Datasheet(PDF) 13 Page - Altera Corporation

Part # 3.0-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.0-VLVCMOS Datasheet(HTML) 13 Page - Altera Corporation

Back Button 3.0-VLVCMOS Datasheet HTML 9Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 10Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 11Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 12Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 13Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 14Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 15Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 16Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–13
Electrical Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
LVDS
(Column
I/Os)
2.375
2.5
2.625
100
—
0.05
DMAX  500 Mbps
1.80
247
—
600
1.125 1.25 1.375
0.55
500 Mbps
 D
MAX
 700 Mbps
1.80
1.05
DMAX > 700 Mbps
1.55
BLVDS
(Row I/Os)
(5)
2.375
2.5
2.625
100
—
—
—
—
—
—
—
—
—
—
BLVDS
(Column
I/Os) (5)
2.375
2.5
2.625
100
—
—
—
—
—
—
—
—
—
—
mini-LVDS
(Row I/Os)
(6)
2.375
2.5
2.625
—
—
—
—
—
300
—
600
1.0
1.2
1.4
mini-LVDS
(Column
I/Os) (6)
2.375
2.5
2.625
—
—
—
—
—
300
—
600
1.0
1.2
1.4
RSDS®
(Row
I/Os) (6)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.5
RSDS
(Column
I/Os) (6)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.5
PPDS®
(Row I/Os)
(6)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.4
PPDS
(Column
I/Os) (6)
2.375
2.5
2.625
—
—
—
—
—
100
200
600
0.5
1.2
1.4
Notes to Table 1–18:
(1) For an explanation of terms used in Table 1–18, refer to “Transmitter Output Waveform” in “Glossary” on page 1–27.
(2) VIN range: 0 V  VIN  1.85 V.
(3) RL range: 90  RL  110  .
(4) LVPECL input standard is only supported at clock input. Output standard is not supported.
(5) No fixed VIN, VOD, and VOS specifications for BLVDS. They are dependent on the system topology.
(6) Mini-LVDS, RSDS, and PPDS standards are only supported at the output pins for Cyclone III devices.
Table 1–18. Cyclone III Devices Differential I/O Standard Specifications (1)
(Part 2 of 2)
I/O
Standard
VCCIO (V)
VID (mV)
VIcM (V) (2)
VOD (mV) (3)
VOS (V) (3)
Min
Typ
Max
Min
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com