Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0-VLVCMOS Datasheet(PDF) 25 Page - Altera Corporation

Part # 3.0-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.0-VLVCMOS Datasheet(HTML) 25 Page - Altera Corporation

Back Button 3.0-VLVCMOS Datasheet HTML 21Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 22Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 23Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 24Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 25Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 26Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 27Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 28Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–25
Switching Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
Duty Cycle Distortion Specifications
Table 1–35 lists the worst case duty cycle distortion for Cyclone III devices.
OCT Calibration Timing Specification
Table 1–36 lists the duration of calibration for series OCT with calibration at device
power-up for Cyclone III devices.
IOE Programmable Delay
Table 1–37 and Table 1–38 list IOE programmable delay for Cyclone III devices.
Duty cycle jitter
tJIT(duty)
-150
150
ps
Notes to Table 1–34:
(1) The memory output clock jitter measurements are for 200 consecutive clock cycles, as specified in the JEDEC DDR2 standard.
(2) The clock jitter specification applies to memory output clock pins generated using DDIO circuits clocked by a PLL output routed on a global
clock network.
Table 1–34. Cyclone III Devices Memory Output Clock Jitter Specifications (1), (2) (Part 2 of 2)
Parameter
Symbol
Min
Max
Unit
Table 1–35. Duty Cycle Distortion on Cyclone III Devices I/O Pins
(1), (2)
Symbol
C6
C7, I7
C8, A7
Unit
Min
Max
Min
Max
Min
Max
Output Duty Cycle
4555455545
55
%
Notes to Table 1–35:
(1) Duty cycle distortion specification applies to clock outputs from PLLs, global clock tree, and IOE driving dedicated
and general purpose I/O pins.
(2) Cyclone III devices meet specified duty cycle distortion at maximum output toggle rate for each combination of
I/O standard and current strength.
Table 1–36. Cyclone III Devices Timing Specification for Series OCT with Calibration at Device
Power-Up (1)
Symbol
Description
Maximum
Unit
tOCTCAL
Duration of series OCT with
calibration at device power-up
20
µs
Notes to Table 1–36:
(1) OCT calibration takes place after device configuration, before entering user mode.
Table 1–37. Cyclone III Devices IOE Programmable Delay on Column Pins (1), (2)
(Part 1 of 2)
Parameter
Paths
Affected
Number
of
Settings
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
A7, I7
C6
C6
C7
C8
I7
A7
Input delay from pin to
internal cells
Pad to I/O
dataout to
core
7
0
1.211
1.314
2.175
2.32
2.386
2.366
2.49
ns
Input delay from pin to
input register
Pad to I/O
input register
8
0
1.203
1.307
2.19
2.387
2.54
2.43
2.545
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com