Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0-VLVCMOS Datasheet(PDF) 4 Page - Altera Corporation

Part # 3.0-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.0-VLVCMOS Datasheet(HTML) 4 Page - Altera Corporation

  3.0-VLVCMOS Datasheet HTML 1Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 2Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 3Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 4Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 5Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 6Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 7Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 8Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1–4
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
Cyclone III devices. The steady-state voltage and current values expected from
Cyclone III devices are provided in Table 1–3. All supplies must be strictly monotonic
without plateaus.
Table 1–3. Cyclone III Devices Recommended Operating Conditions (1), (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCINT (3)
Supply voltage for internal logic
—
1.15
1.2
1.25
V
VCCIO (3), (4)
Supply voltage for output buffers, 3.3-V
operation
—
3.135
3.3
3.465
V
Supply voltage for output buffers, 3.0-V
operation
—
2.85
3
3.15
V
Supply voltage for output buffers, 2.5-V
operation
—
2.375
2.5
2.625
V
Supply voltage for output buffers, 1.8-V
operation
—
1.71
1.8
1.89
V
Supply voltage for output buffers, 1.5-V
operation
—
1.425
1.5
1.575
V
Supply voltage for output buffers, 1.2-V
operation
—
1.14
1.2
1.26
V
VCCA (3)
Supply (analog) voltage for PLL
regulator
—
2.375
2.5
2.625
V
VCCD_PLL (3)
Supply (digital) voltage for PLL
—
1.15
1.2
1.25
V
VI
Input voltage
—
–0.5
—
3.6
V
VO
Output voltage
—
0
—
VCCIO
V
TJ
Operating junction temperature
For commercial use
0
—
85
°C
For industrial use
–40
—
100
°C
For extended temperature
–40
—
125
°C
For automotive use
–40
—
125
°C
tRAMP
Power supply ramp time
Standard power-on reset
(POR) (5)
50 µs
—
50 ms
—
Fast POR (6)
50 µs
—
3 ms
—
IDiode
Magnitude of DC current across
PCI-clamp diode when enabled
——
—
10
mA
Notes to Table 1–3:
(1) VCCIO for all I/O banks must be powered up during device operation. All VCCA pins must be powered to 2.5 V (even when PLLs are not used), and
must be powered up and powered down at the same time.
(2) VCCD_PLL must always be connected to VCCINT through a decoupling capacitor and ferrite bead.
(3) The VCC must rise monotonically.
(4) All input buffers are powered by the VCCIO supply.
(5) POR time for Standard POR ranges between 50–200 ms. Each individual power supply should reach the recommended operating range within
50 ms.
(6) POR time for Fast POR ranges between 3–9 ms. Each individual power supply should reach the recommended operating range within 3 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com