Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0-VLVCMOS Datasheet(PDF) 3 Page - Altera Corporation

Part # 3.0-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.0-VLVCMOS Datasheet(HTML) 3 Page - Altera Corporation

  3.0-VLVCMOS Datasheet HTML 1Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 2Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 3Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 4Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 5Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 6Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 7Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 8Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–3
Electrical Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
1 A DC signal is equivalent to 100% duty cycle. For example, a signal that overshoots to
4.2 V can only be at 4.2 V for 10.74% over the lifetime of the device; for device lifetime
of 10 years, this amounts to 10.74/10ths of a year.
Figure 1–1 shows the methodology to determine the overshoot duration.
Table 1–2. Cyclone III Devices Maximum Allowed Overshoot During Transitions over a 10-Year
Time Frame
(1)
Symbol
Parameter
Condition
Overshoot Duration as % of High Time
Unit
Vi
AC Input
Voltage
VI = 3.95 V
100
%
VI = 4.0 V
95.67
%
VI = 4.05 V
55.24
%
VI = 4.10 V
31.97
%
VI = 4.15 V
18.52
%
VI = 4.20 V
10.74
%
VI = 4.25 V
6.23
%
VI = 4.30 V
3.62
%
VI = 4.35 V
2.1
%
VI = 4.40 V
1.22
%
VI = 4.45 V
0.71
%
VI = 4.50 V
0.41
%
VI = 4.60 V
0.14
%
VI = 4.70 V
0.047
%
Note to Table 1–2:
(1) Figure 1–1 shows the methodology to determine the overshoot duration. In the example in Figure 1–1, overshoot
voltage is shown in red and is present on the input pin of the Cyclone III device at over 4.1 V but below 4.2 V. From
Table 1–1, for an overshoot of 4.1 V, the percentage of high time for the overshoot can be as high as 31.97% over
a 10-year period. Percentage of high time is calculated as ([delta T]/T) × 100. This 10-year period assumes the
device is always turned on with 100% I/O toggle rate and 50% duty cycle signal. For lower I/O toggle rates and
situations in which the device is in an idle state, lifetimes are increased.
Figure 1–1. Cyclone III Devices Overshoot Duration
3.3 V
4.1 V
4.2 V
T
ΔT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com