Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0-VLVCMOS Datasheet(PDF) 16 Page - Altera Corporation

Part # 3.0-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.0-VLVCMOS Datasheet(HTML) 16 Page - Altera Corporation

Back Button 3.0-VLVCMOS Datasheet HTML 12Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 13Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 14Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 15Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 16Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 17Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 18Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 19Page - Altera Corporation 3.0-VLVCMOS Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
1–16
Chapter 1: Cyclone III Device Datasheet
Switching Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
Embedded Multiplier Specifications
Table 1–21 describes the embedded multiplier specifications for Cyclone III devices.
Memory Block Specifications
Table 1–22 describes the M9K memory block specifications for Cyclone III devices.
Configuration and JTAG Specifications
Table 1–23 lists the configuration mode specifications for Cyclone III devices.
fSCANCLK
scanclk
frequency
—
—
100
MHz
Notes to Table 1–20:
(1) VCCD_PLL should always be connected to VCCINT through decoupling capacitor and ferrite bead.
(2) This parameter is limited in the Quartus II software by the I/O maximum frequency. The maximum I/O frequency is different for each I/O standard.
(3) The VCO frequency reported by the Quartus II software in the PLL summary section of the compilation report takes into consideration the VCO post-scale
counter K value. Therefore, if the counter K has a value of 2, the frequency reported can be lower than the fVCO specification.
(4) A high input jitter directly affects the PLL output jitter. To have low PLL output clock jitter, you must provide a clean clock source, which is less than 200 ps.
(5) Peak-to-peak jitter with a probability level of 10–12 (14 sigma, 99.99999999974404% confidence level). The output jitter specification applies to the intrinsic
jitter of the PLL, when an input jitter of 30 ps is applied.
(6) With 100 MHz scanclk frequency.
Table 1–20. Cyclone III Devices PLL Specifications (1)
(Part 2 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Table 1–21. Cyclone III Devices Embedded Multiplier Specifications
Mode
Resources Used
Performance
Unit
Number of Multipliers
C6
C7, I7, A7
C8
9 × 9-bit
multiplier
1
340
300
260
MHz
18 × 18-bit
multiplier
1
287
250
200
MHz
Table 1–22. Cyclone III Devices Memory Block Performance Specifications
Memory
Mode
Resources Used
Performance
LEs
M9K
Memory
C6
C7, I7, A7
C8
Unit
M9K Block
FIFO 256 × 36
47
1
315
274
238
MHz
Single-port 256 × 36
0
1
315
274
238
MHz
Simple dual-port 256 × 36 CLK
0
1
315
274
238
MHz
True dual port 512 × 18 single CLK
0
1
315
274
238
MHz
Table 1–23. Cyclone III Devices Configuration Mode Specifications
Programming Mode
DCLK Fmax
Unit
Passive Serial (PS)
133
MHz
Fast Passive Parallel (FPP) (1)
100
MHz
Note to Table 1–23:
(1) EP3C40 and smaller density members support 133 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com