Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B64290 Datasheet(PDF) 13 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 13 Page - EPCOS

Back Button B64290 Datasheet HTML 9Page - EPCOS B64290 Datasheet HTML 10Page - EPCOS B64290 Datasheet HTML 11Page - EPCOS B64290 Datasheet HTML 12Page - EPCOS B64290 Datasheet HTML 13Page - EPCOS B64290 Datasheet HTML 14Page - EPCOS B64290 Datasheet HTML 15Page - EPCOS B64290 Datasheet HTML 16Page - EPCOS B64290 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 12.7
 7.90  6.35 (mm)
R 0.500
 0.311  0.250 (inch)
Dimensions
Characteristics and ordering codes
■
Epoxy coating
R 13.3
 8.30  5.00 (mm)
R 0.524
 0.327  0.197 (inch)
Dimensions
Characteristics and ordering codes
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
12.7
0.3
7.9
0.25
6.35
0.2
0.500
0.012 0.311 0.010 0.250 0.008 uncoated1)
13.6 max.
7.10 min.
7.15 max.
0.535 max.
0.281 min.
0.281 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1330
25%
2200
B64290L0742X087
2.08
31.17
14.96
466
2.4
N30
2600
25%
4300
B64290L0742X830
T65
2850
30%
4700
B64290L0742X065
T35
3620
25%
6000
B64290L0742X035
T37
3920
25%
6500
B64290L0742X037
T38
6030
30% 10000
B64290L0742X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
13.3
0.3
8.3
0.3
5.00
0.15
0.524
0.012 0.327 0.012 0.197 0.005 uncoated1)
14.4 max.
7.2 min.
5.95 max.
0.567 max.
0.283 min.
0.234 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1040
25%
2200
B64290L0644X087
2.67
32.70
12.27
401
1.8
N30
2030
25%
4300
B64290L0644X830
T65
2300
30%
4900
B64290L0644X065
T35
2830
25%
6000
B64290L0644X035
T37
3060
25%
6500
B64290L0644X037
T38
4700
30% 10000
B64290L0644X038
B64290L0742
B64290L0644
R 13.3
 8.30  5.00
R 12.7
 7.90  6.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com