Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B64290 Datasheet(PDF) 28 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 28 Page - EPCOS

Back Button B64290 Datasheet HTML 24Page - EPCOS B64290 Datasheet HTML 25Page - EPCOS B64290 Datasheet HTML 26Page - EPCOS B64290 Datasheet HTML 27Page - EPCOS B64290 Datasheet HTML 28Page - EPCOS B64290 Datasheet HTML 29Page - EPCOS B64290 Datasheet HTML 30Page - EPCOS B64290 Datasheet HTML 31Page - EPCOS B64290 Datasheet HTML 32Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
28
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 87.0
 54.3  13.5 (mm)
R 3.425
 2.138  0.531 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (100 mT, 100 kHz, 100 °C) < 5 W/core
■
Epoxy coating
R 102
 65.8  15.0 (mm)
R 4.016
 2.591  0.591 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (100 mT, 100 kHz, 100 °C) < 7.8 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
87.0
1.5
54.3
1.1
13.5
0.3
3.425
0.059 2.138 0.043 0.531 0.012 uncoated1)
89.3 max.
52.4 min.
14.8 max.
3.516 max.
2.063 min.
0.583 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
900
25%
700
B64290A0730X010
0.99
213.9
216.7
46360
235
N87
2790
25% 2200
B64290L0730X087
N30
5400
25% 4300
B64290L0730X830
T65
6280
30% 5000
B64290L0730X065
T37
7000
25% 5500
B64290L0730X037
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
102.0
2.0 65.8 1.3
15.0
0.5
4.016
0.079 2.591 0.051 0.591 0.020 uncoated1)
104.8 max. 63.7 min.
16.5 max.
4.126 max.
2.508 min.
0.650 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
900
25%
700
B64290A0084X010
0.96
255.3
267.2
68220
330
N87
2880
25% 2200
B64290L0084X087
N30
5500
25% 4200
B64290L0084X830
T65
6500
30% 5000
B64290L0084X065
B64290L0730
B64290L0084
R 102
 65.8  15.0
R 87.0
 54.3  13.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com