Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B64290 Datasheet(PDF) 29 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 29 Page - EPCOS

Back Button B64290 Datasheet HTML 25Page - EPCOS B64290 Datasheet HTML 26Page - EPCOS B64290 Datasheet HTML 27Page - EPCOS B64290 Datasheet HTML 28Page - EPCOS B64290 Datasheet HTML 29Page - EPCOS B64290 Datasheet HTML 30Page - EPCOS B64290 Datasheet HTML 31Page - EPCOS B64290 Datasheet HTML 32Page - EPCOS B64290 Datasheet HTML 33Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
29
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Without coating
R 140
 103  25.0 (mm)
R 5.512
 4.055  0.984 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (100 mT, 100 kHz, 100 °C) < 20 W/core
■
Without coating
R 202.0
 153  25.0 (mm)
R 7.953
 6.024  0.984 (inch)
Dimensions
Characteristics and ordering codes
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
140.0
3.0 103 2.0
25.0
1.0
5.512
0.118 4.055 0.079 0.984 0.039 uncoated
143.8 max. 100.2 min.
27.2 max.
5.661 max.
3.945 min.
1.071 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
1100
25%
700
B64290A0705X010
0.82
375.8
458.9
172440 860
N87
3400
25% 2200
B64290L0705X087
N30
6200
25% 4000
B64290L0705X830
T37
8400
25% 5500
B64290L0705X037
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
202.0
4.0 153.0 3.0 25.0 1.0
7.953
0.157 6.024 0.118 0.984 0.039 uncoated
207.0 max. 149.0 min.
27.5 max.
8.150 max.
5.866 min.
1.083 max.
coated1)
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
970
25%
700
B64290A0711X010
0.90
550.5
608.6
335030 1600
N30
5200
25% 3700
B64290A0711X830
B64290A0705
B64290A0711
R 202
 153  25.0
R 140
 103  25.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com