Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B64290 Datasheet(PDF) 4 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 4 Page - EPCOS

  B64290 Datasheet HTML 1Page - EPCOS B64290 Datasheet HTML 2Page - EPCOS B64290 Datasheet HTML 3Page - EPCOS B64290 Datasheet HTML 4Page - EPCOS B64290 Datasheet HTML 5Page - EPCOS B64290 Datasheet HTML 6Page - EPCOS B64290 Datasheet HTML 7Page - EPCOS B64290 Datasheet HTML 8Page - EPCOS B64290 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Parylene coating
R 3.05
 1.27  2.54 (mm)
R 0.120
 0.050  0.100 (inch)
Dimensions
Characteristics and ordering codes
■
Parylene coating
R 3.05
 1.78  2.03 (mm)
R 0.120
 0.070  0.080 (inch)
Dimensions
Characteristics and ordering codes
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
3.05
0.12 1.27 0.12 2.54 0.12
0.120
0.005 0.050 0.005 0.100 0.005 uncoated1)
Coating thickness 0.017 mm
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
330
25%
700
B64290P0739X010
2.82
5.99
2.12
12.7
0.08
T57
1700
25%
3800
B64290P0739X057
T65
2000
30%
4500
B64290P0739X065
T38
4200
30%
9400
B64290P0739X038
T46
6500
30% 15000
B64290P0739X046
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
3.05
0.12 1.78 0.12 2.03 0.12
0.120
0.005 0.070 0.005 0.080 0.005 uncoated1)
Coating thickness 0.017 mm
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
160
25%
700
B64290P0733X010
5.75
7.23
1.26
9.10
0.06
T57
870
25%
4000
B64290P0733X057
T65
1000
30%
4600
B64290P0733X065
T38
2150
30%
9900
B64290P0733X038
T46
3250
30% 15000
B64290P0733X046
B64290P0739
B64290P0733
R 3.05
 1.78  2.03
R 3.05
 1.27  2.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com